Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 27Page - Texas Instruments DRV8426PWPR Datasheet HTML 28Page - Texas Instruments DRV8426PWPR Datasheet HTML 29Page - Texas Instruments DRV8426PWPR Datasheet HTML 30Page - Texas Instruments DRV8426PWPR Datasheet HTML 31Page - Texas Instruments DRV8426PWPR Datasheet HTML 32Page - Texas Instruments DRV8426PWPR Datasheet HTML 33Page - Texas Instruments DRV8426PWPR Datasheet HTML 34Page - Texas Instruments DRV8426PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
31
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
Figure 23. Typical Application Schematic (1/8 microstepping, smart tune Ripple Control Decay, VQFN
package)
8.2.1 Design Requirements
Table 13 lists the design input parameters for a typical application.
Table 13. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Supply voltage
VM
24 V
Motor winding resistance
RL
2.4
Ω/phase
Motor winding inductance
LL
5.8 mH/phase
Motor full step angle
θstep
1.8°/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com