Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 5Page - Texas Instruments DRV8426PWPR Datasheet HTML 6Page - Texas Instruments DRV8426PWPR Datasheet HTML 7Page - Texas Instruments DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments DRV8426PWPR Datasheet HTML 10Page - Texas Instruments DRV8426PWPR Datasheet HTML 11Page - Texas Instruments DRV8426PWPR Datasheet HTML 12Page - Texas Instruments DRV8426PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV8426 device is an integrated motor-driver solution for bipolar stepper motors. The device provides the
maximum integration by integrating two N-channel power MOSFET H-bridges, current sense resistors and
regulation circuitry, and a microstepping indexer. The DRV8426 is pin-to-pin compatible with the DRV8424 and
DRV8425, with wide supply voltage of 4.5 to 33 V capable. DRV8426 provides an output current up to 2.5-A
peak, 1.5-A full-scale, or 1.1-A root mean square (rms). The actual full-scale and rms current depends on the
ambient temperature, supply voltage, and PCB thermal capability.
The DRV8426 device uses an integrated current-sense architecture which eliminates the need for two external
power sense resistors, hence saving significant board space, BOM cost, design efforts and reduces significant
power consumption. This architecture removes the power dissipated in the sense resistors by using a current
mirror approach and using the internal power MOSFETs for current sensing. The current regulation set point is
adjusted by the voltage at the VREF pin.
A simple STEP/DIR interface allows for an external controller to manage the direction and step rate of the
stepper motor. The internal microstepping indexer can execute high-accuracy micro-stepping without requiring
the external controller to manage the winding current level. The indexer is capable of full step, half step, and 1/4,
1/8, 1/16, 1/32, 1/64, 1/128, and 1/256 microstepping. High microstepping contributes to significant audible noise
reduction and smooth motion. In addition to a standard half stepping mode, a noncircular half stepping mode is
available for increased torque output at higher motor RPM.
Stepper motor drivers need to re-circulate the winding current by implementing several types of decay modes,
like slow decay, mixed decay and fast decay. The DRV8426 comes with smart tune decay modes. The smart
tune is an innovative decay mechanism that automatically adjusts for optimal current regulation performance
agnostic of voltage, motor speed, variation and aging effects. Smart tune Ripple Control uses a variable off-time,
ripple current control scheme to minimize distortion of the motor winding current. Smart tune Dynamic Decay
uses a fixed off-time, dynamic fast decay percentage scheme to minimize distortion of the motor winding current
while minimizing frequency content and significantly reducing design efforts. Along with this seamless, effortless
automatic smart tune, DRV8426 also provides the traditional decay modes like slow-mixed and mixed decay as
well.
A low-power sleep mode is included which allows the system to save power when not actively driving the motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com