Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 21Page - Texas Instruments DRV8426PWPR Datasheet HTML 22Page - Texas Instruments DRV8426PWPR Datasheet HTML 23Page - Texas Instruments DRV8426PWPR Datasheet HTML 24Page - Texas Instruments DRV8426PWPR Datasheet HTML 25Page - Texas Instruments DRV8426PWPR Datasheet HTML 26Page - Texas Instruments DRV8426PWPR Datasheet HTML 27Page - Texas Instruments DRV8426PWPR Datasheet HTML 28Page - Texas Instruments DRV8426PWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.8 Linear Voltage Regulators
A linear voltage regulator is integrated in the DRV8426 device. The DVDD regulator can be used to provide a
reference voltage. DVDD can supply a maximum of 2mA load. For proper operation, bypass the DVDD pin to
GND using a ceramic capacitor.
The DVDD output is nominally 5-V. When the DVDD LDO current load exceeds 2mA, the output voltage drops
significantly.
Figure 16. Linear Voltage Regulator Block Diagram
If a digital input must be tied permanently high (that is, Mx, DECAYx or TOFF), tying the input to the DVDD pin
instead of an external regulator is preferred. This method saves power when the VM pin is not applied or in sleep
mode: the DVDD regulator is disabled and current does not flow through the input pulldown resistors. For
reference, logic level inputs have a typical pulldown of 200 k
Ω.
The nSLEEP pin cannot be tied to DVDD, else the device will never exit sleep mode.
7.3.9 Logic Level, tri-level and quad-level Pin Diagrams
Figure 17 shows the input structure for M0, DECAY0, DECAY1 and ENABLE pins.
Figure 17. Tri-Level Input Pin Diagram
Figure 17 shows the input structure for M1 and TOFF pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com