Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 29Page - Texas Instruments DRV8426PWPR Datasheet HTML 30Page - Texas Instruments DRV8426PWPR Datasheet HTML 31Page - Texas Instruments DRV8426PWPR Datasheet HTML 32Page - Texas Instruments DRV8426PWPR Datasheet HTML 33Page - Texas Instruments DRV8426PWPR Datasheet HTML 34Page - Texas Instruments DRV8426PWPR Datasheet HTML 35Page - Texas Instruments DRV8426PWPR Datasheet HTML 36Page - Texas Instruments DRV8426PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.3 Thermal Application
This section presents the power dissipation calculation and junction temperature estimation of the device.
8.2.3.1 Power Dissipation
The total power dissipation constitutes of three main components - conduction loss (PCOND), switching loss (PSW)
and power loss due to quiescent current consumption (PQ).
8.2.3.1.1
Conduction Loss
The current path for a motor connected in full-bridge is through the high-side FET of one half-bridge and low-side
FET of the other half-bridge. The conduction loss (PCOND) depends on the motor rms current (IRMS) and high-side
(RDS(ONH)) and low-side (RDS(ONL)) on-state resistances as shown in Equation 2.
PCOND = 2 x (IRMS)
2 x (R
DS(ONH) + RDS(ONL))
(2)
The conduction loss for the typical application shown in Table 14 is calculated in Equation 3.
PCOND = 2 x (IRMS)
2 x (R
DS(ONH) + RDS(ONL)) = 2 x (1-A / √2)
2 x (0.45-Ω + 0.45-Ω) = 0.9-W
(3)
NOTE
This power calculation is highly dependent on the device temperature which significantly
effects the high-side and low-side on-resistance of the FETs. For more accurate
calculation, consider the dependency of on-resistance of FETs with device temperature.
8.2.3.1.2
Switching Loss
The power loss due to the PWM switching frequency depends on the slew rate (tSR), supply voltage, motor RMS
current and the PWM switching frequency. The switching losses in each H-bridge during rise-time and fall-time
are calculated as shown in Equation 4 and Equation 5.
PSW_RISE = 0.5 x VVM x IRMS x tRISE_PWM x fPWM
(4)
PSW_FALL = 0.5 x VVM x IRMS x tFALL_PWM x fPWM
(5)
Both tRISE_PWM and tFALL_PWM can be approximated as VVM/ tSR. After substituting the values of various
parameters, and assuming 30-kHz PWM frequency, the switching losses in each H-bridge are calculated as
shown below -
PSW_RISE = 0.5 x 24-V x (1-A / √2) x (24-V / 240 V/µs) x 30-kHz = 0.025-W
(6)
PSW_FALL = 0.5 x 24-V x (1-A / √2) x (24-V / 240 V/µs) x 30-kHz = 0.025-W
(7)
The total switching loss for the stepper motor driver (PSW) is calculated as twice the sum of rise-time (PSW_RISE)
switching loss and fall-time (PSW_FALL) switching loss as shown below -
PSW = 2 x (PSW_RISE + PSW_FALL) = 2 x (0.025-W + 0.025-W) = 0.1-W
(8)
NOTE
The rise-time (tRISE) and the fall-time (tFALL) are calculated based on typical values of the
slew rate (tSR). This parameter is expected to change based on the supply-voltage,
temperature and device to device variation.
The switching loss is directly proportional to the PWM switching frequency. The PWM
frequency in an application will depend on the supply voltage, inductance of the motor coil,
back emf voltage and OFF time or the ripple current (for smart tune ripple control decay
mode).
8.2.3.1.3
Power Dissipation Due to Quiescent Current
The power dissipation due to the quiescent current consumed by the power supply is calculated as shown below
-
PQ = VVM x IVM
(9)
Substituting the values, quiescent power loss can be calculated as shown below -
PQ = 24-V x 5-mA = 0.12-W
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com