Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 28Page - Texas Instruments DRV8426PWPR Datasheet HTML 29Page - Texas Instruments DRV8426PWPR Datasheet HTML 30Page - Texas Instruments DRV8426PWPR Datasheet HTML 31Page - Texas Instruments DRV8426PWPR Datasheet HTML 32Page - Texas Instruments DRV8426PWPR Datasheet HTML 33Page - Texas Instruments DRV8426PWPR Datasheet HTML 34Page - Texas Instruments DRV8426PWPR Datasheet HTML 35Page - Texas Instruments DRV8426PWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
step
step
m
v (rpm)
360 ( / rot)
¦
VWHSV V
( / step) n
(steps / microstep)
60 (s / min)
u
q
T
q
u
u
32
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 13. Design Parameters (continued)
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Target microstepping level
nm
1/8 step
Target motor speed
v
150 rpm
Target full-scale current
IFS
1 A
8.2.2 Detailed Design Procedure
8.2.2.1 Stepper Motor Speed
The first step in configuring the DRV8426 device requires the desired motor speed and microstepping level. If the
target application requires a constant speed, then a square wave with frequency ƒstep must be applied to the
STEP pin. If the target motor speed is too high, the motor does not spin. Make sure that the motor can support
the target speed. Use Equation 1 to calculate ƒstep for a desired motor speed (v), microstepping level (nm), and
motor full step angle (θstep)
(1)
The value of θstep can be found in the stepper motor data sheet, or written on the motor. For example, the motor
in this application is required to rotate at 1.8°/step for a target of 150 rpm at 1/8 microstep mode. Using
Equation 1, ƒstep can be calculated as 4000 Hz.
The microstepping level is set by the M0 and M1 pins and can be any of the settings listed in Table 14. Higher
microstepping results in a smoother motor motion and less audible noise, but requires a higher ƒstep to achieve
the same motor speed.
Table 14. Microstepping Indexer Settings
MODE0
MODE1
STEP MODE
0
0
Full step (2-phase excitation) with 100%
current
0
330k
Ω to
GND
Full step (2-phase excitation) with 71% current
1
0
Non-circular 1/2 step
Hi-Z
0
1/2 step
0
1
1/4 step
1
1
1/8 step
Hi-Z
1
1/16 step
0
Hi-Z
1/32 step
Hi-Z
330k
Ω to
GND
1/64 step
Hi-Z
Hi-Z
1/128 step
1
Hi-Z
1/256 step
8.2.2.2 Current Regulation
In a stepper motor, the full-scale current (IFS) is the maximum current driven through either winding. This quantity
depends on the VREF voltage. The maximum allowable voltage on the VREF pin is 3.3V for DRV8426. DVDD
can be used to provide VREF through a resistor divider. During stepping, IFS defines the current chopping
threshold (ITRIP) for the maximum current step. IFS (A) = VREF (V) / 2.2 (V/A)
8.2.2.3 Decay Modes
The DRV8426 device supports six different decay modes, as shown inTable 8. The current through the motor
windings is regulated using an adjustable fixed-time-off scheme which means that after any drive phase, when a
motor winding current has hit the current chopping threshold (ITRIP), the DRV8426 places the winding in one of
the six decay modes for tOFF. After tOFF, a new drive phase starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com