Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 22Page - Texas Instruments DRV8426PWPR Datasheet HTML 23Page - Texas Instruments DRV8426PWPR Datasheet HTML 24Page - Texas Instruments DRV8426PWPR Datasheet HTML 25Page - Texas Instruments DRV8426PWPR Datasheet HTML 26Page - Texas Instruments DRV8426PWPR Datasheet HTML 27Page - Texas Instruments DRV8426PWPR Datasheet HTML 28Page - Texas Instruments DRV8426PWPR Datasheet HTML 29Page - Texas Instruments DRV8426PWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Output
nFAULT
26
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 18. Quad-Level Input Pin Diagram
Figure 19 shows the input structure for STEP, DIR and nSLEEP pins.
Figure 19. Logic-Level Input Pin Diagram
7.3.9.1 nFAULT Pin
The nFAULT pin has an open-drain output and should be pulled up to a 5-V or 3.3-V supply. When a fault is
detected, the nFAULT pin will be logic low. nFAULT pin will be high after power-up. For a 5-V pullup, the
nFAULT pin can be tied to the DVDD pin with a resistor. For a 3.3-V pullup, an external 3.3-V supply must be
used.
Figure 20. nFAULT Pin
7.3.10 Protection Circuits
The DRV8426 device is fully protected against supply undervoltage, charge pump undervoltage, output
overcurrent, and device overtemperature events.
7.3.10.1 VM Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the UVLO-threshold voltage for the voltage supply, all the
outputs are disabled, and the nFAULT pin is driven low. The charge pump is disabled in this condition. Normal
operation resumes (motor-driver operation and nFAULT released) when the VM undervoltage condition is
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com