Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments DRV8426PWPR Datasheet HTML 10Page - Texas Instruments DRV8426PWPR Datasheet HTML 11Page - Texas Instruments DRV8426PWPR Datasheet HTML 12Page - Texas Instruments DRV8426PWPR Datasheet HTML 13Page - Texas Instruments DRV8426PWPR Datasheet HTML 14Page - Texas Instruments DRV8426PWPR Datasheet HTML 15Page - Texas Instruments DRV8426PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.2 PWM Motor Drivers
The DRV8426 device has drivers for two full H-bridges to drive the two windings of a bipolar stepper motor.
Figure 4 shows a block diagram of the circuitry.
Figure 4. PWM Motor Driver Block Diagram
7.3.3 Microstepping Indexer
Built-in indexer logic in the DRV8426 device allows a number of different step modes. The M0 and M1 pins are
used to configure the step mode as shown in Table 4. The settings can be changed on the fly.
Table 4. Microstepping Indexer Settings
MODE0
MODE1
STEP MODE
0
0
Full step (2-phase excitation) with 100%
current
0
330k
Ω to
GND
Full step (2-phase excitation) with 71% current
1
0
Non-circular 1/2 step
Hi-Z
0
1/2 step
0
1
1/4 step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com