Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV8426PWPR Datasheet HTML 1Page - Texas Instruments DRV8426PWPR Datasheet HTML 2Page - Texas Instruments DRV8426PWPR Datasheet HTML 3Page - Texas Instruments DRV8426PWPR Datasheet HTML 4Page - Texas Instruments DRV8426PWPR Datasheet HTML 5Page - Texas Instruments DRV8426PWPR Datasheet HTML 6Page - Texas Instruments DRV8426PWPR Datasheet HTML 7Page - Texas Instruments DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 2. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
HTS
SOP
VQF
N
STEP
23
18
I
Input
Step input. A rising edge causes the indexer to advance one step; internal pulldown resistor.
VCP
1
24
—
Power
Charge pump output. Connect a X7R, 0.22-μF, 16-V ceramic capacitor to VM.
VM
2, 13
1, 8
—
Power
Power supply. Connect to motor supply voltage and bypass to GND with two 0.01-µF ceramic
capacitors (one for each pin) plus a bulk capacitor rated for VM.
TOFF
19
14
I
Input
Sets the Decay mode off time during current chopping; four level pin. Also sets the ripple
current in smart tune ripple control mode.
nFAULT
16
11
O
Open
Drain
Fault indication. Pulled logic low with fault condition; open-drain output requires an external
pullup resistor.
nSLEEP
26
21
I
Input
Sleep mode input. Logic high to enable device; logic low to enter low-power sleep mode;
internal pulldown resistor. An nSLEEP low pulse clears faults.
PAD
-
-
-
-
Thermal pad. Connect to system ground.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage (VM)
–0.3
35
V
Charge pump voltage (VCP, CPH)
–0.3
VVM + 7
V
Charge pump negative switching pin (CPL)
–0.3
VVM
V
nSLEEP pin voltage (nSLEEP)
–0.3
VVM
V
Internal regulator voltage (DVDD)
–0.3
5.75
V
Control pin voltage (STEP, DIR, ENABLE, nFAULT, DECAY0, DECAY1, TOFF, M0, M1)
–0.3
5.75
V
Open drain output current (nFAULT)
0
10
mA
Reference input pin voltage (VREF)
–0.3
5.75
V
Continuous phase node pin voltage (AOUT1, AOUT2, BOUT1, BOUT2)
–1
VVM + 1
V
Transient 100 ns phase node pin voltage (AOUT1, AOUT2, BOUT1, BOUT2)
–3
VVM + 3
V
Peak drive current (AOUT1, AOUT2, BOUT1, BOUT2)
Internally Limited
A
Operating ambient temperature, TA
–40
125
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
6.2 ESD Ratings
VALUE
UNIT
V(ES
D)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
Corner pins for PWP (1,
14, 15, and 28)
±750
Other pins
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com