Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 3Page - Texas Instruments DRV8426PWPR Datasheet HTML 4Page - Texas Instruments DRV8426PWPR Datasheet HTML 5Page - Texas Instruments DRV8426PWPR Datasheet HTML 6Page - Texas Instruments DRV8426PWPR Datasheet HTML 7Page - Texas Instruments DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments DRV8426PWPR Datasheet HTML 10Page - Texas Instruments DRV8426PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.5 Electrical Characteristics
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, DVDD)
IVM
VM operating supply current
ENABLE = 1, nSLEEP = 1, No motor load
5
6.5
mA
IVMQ
VM sleep mode supply current
nSLEEP = 0
2
4
μA
tSLEEP
Sleep time
nSLEEP = 0 to sleep-mode
120
μs
tRESET
nSLEEP reset pulse
nSLEEP low to clear fault
20
40
μs
tWAKE
Wake-up time
nSLEEP = 1 to output transition
0.8
1.2
ms
tON
Turn-on time
VM > UVLO to output transition
0.8
1.2
ms
VDVDD
Internal regulator voltage
No external load, 6 V < VVM < 33 V
4.5
5
5.5
V
CHARGE PUMP (VCP, CPH, CPL)
VCP
VCP operating voltage
VVM + 5
V
f(CP)
Charge pump switching
frequency
VVM > UVLO; nSLEEP = 1
360
kHz
LOGIC-LEVEL INPUTS (STEP, DIR, nSLEEP)
VIL
Input logic-low voltage
0
0.6
V
VIH
Input logic-high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
150
mV
IIL
Input logic-low current
VIN = 0 V
–1
1
μA
IIH
Input logic-high current
VIN = 5 V
100
μA
TRI-LEVEL INPUTS (M0, DECAY0, DECAY1, ENABLE)
VI1
Input logic-low voltage
Tied to GND
0
0.6
V
VI2
Input Hi-Z voltage
Hi-Z
1.8
2
2.2
V
VI3
Input logic-high voltage
Tied to DVDD
2.7
5.5
V
IO
Output pull-up current
10
μA
QUAD-LEVEL INPUTS (M1, TOFF)
VI1
Input logic-low voltage
Tied to GND
0
0.6
V
VI2
330k
Ω ± 5% to GND
1
1.25
1.4
V
VI3
Input Hi-Z voltage
Hi-Z
1.8
2
2.2
V
VI4
Input logic-high voltage
Tied to DVDD
2.7
5.5
V
IIL
Output pull-up current
10
μA
CONTROL OUTPUTS (nFAULT)
VOL
Output logic-low voltage
IO = 5 mA
0.5
V
IOH
Output logic-high leakage
VVM = 24 V
–1
1
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
RDS(ONH)
High-side FET on resistance
VVM = 24 V, TJ = 25 °C, IO = -1 A
450
550
m
Ω
VVM = 24 V, TJ = 125 °C, IO = -1 A
700
850
m
Ω
VVM = 24 V, TJ = 150 °C, IO = -1 A
780
950
m
Ω
RDS(ONL)
Low-side FET on resistance
VVM = 24 V, TJ = 25 °C, IO = 1 A
450
550
m
Ω
VVM = 24 V, TJ = 125 °C, IO = 1 A
700
850
m
Ω
VVM = 24 V, TJ = 150 °C, IO = 1 A
780
950
m
Ω
tSR
Output slew rate
VVM = 24 V, IO = 1 A, Between 10% and 90%
240
V/µs
PWM CURRENT CONTROL (VREF)
KV
Transimpedance gain
VREF = 3.3 V
2.09
2.2
2.31
V/A
tOFF
PWM off-time
TOFF = 0
7
μs
TOFF = 1
16
TOFF = Hi-Z
24
TOFF = 330 kΩ to GND
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com