Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 2Page - Texas Instruments DRV8426PWPR Datasheet HTML 3Page - Texas Instruments DRV8426PWPR Datasheet HTML 4Page - Texas Instruments DRV8426PWPR Datasheet HTML 5Page - Texas Instruments DRV8426PWPR Datasheet HTML 6Page - Texas Instruments DRV8426PWPR Datasheet HTML 7Page - Texas Instruments DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments DRV8426PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
STEP input can operate up to 500 kHz, but system bandwidth is limited by the motor load
(2)
Power dissipation and thermal limits must be observed
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VVM
Supply voltage range for normal (DC) operation
4.5
33
V
VI
Logic level input voltage
0
5.5
V
VVREF
VREF voltage
0.05
3.3
V
ƒPWM
Applied STEP signal (STEP)
0
500(1)
kHz
IFS
Motor full-scale current (xOUTx)
0
1.5(2)
A
Irms
Motor RMS current (xOUTx)
0
1.1(2)
A
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
PWP (HTSSOP)
RGE (VQFN)
UNIT
28 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
33.5
44.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
29.7
37.4
°C/W
RθJB
Junction-to-board thermal resistance
13.7
21.4
°C/W
ψJT
Junction-to-top characterization parameter
0.8
1.1
°C/W
ψJB
Junction-to-board characterization parameter
13.7
21.4
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
5.1
7.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com