Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 9Page - Texas Instruments DRV8426PWPR Datasheet HTML 10Page - Texas Instruments DRV8426PWPR Datasheet HTML 11Page - Texas Instruments DRV8426PWPR Datasheet HTML 12Page - Texas Instruments DRV8426PWPR Datasheet HTML 13Page - Texas Instruments DRV8426PWPR Datasheet HTML 14Page - Texas Instruments DRV8426PWPR Datasheet HTML 15Page - Texas Instruments DRV8426PWPR Datasheet HTML 16Page - Texas Instruments DRV8426PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 4. Microstepping Indexer Settings (continued)
MODE0
MODE1
STEP MODE
1
1
1/8 step
Hi-Z
1
1/16 step
0
Hi-Z
1/32 step
Hi-Z
330k
Ω to
GND
1/64 step
Hi-Z
Hi-Z
1/128 step
1
Hi-Z
1/256 step
Table 5 shows the relative current and step directions for full-step (71% current), 1/2 step, 1/4 step and 1/8 step
operation. Higher microstepping resolutions follow the same pattern. The AOUT current is the sine of the
electrical angle and the BOUT current is the cosine of the electrical angle. Positive current is defined as current
flowing from the xOUT1 pin to the xOUT2 pin while driving.
At each rising edge of the STEP input the indexer travels to the next state in the table. The direction is shown
with the DIR pin logic high. If the DIR pin is logic low, the sequence is reversed.
NOTE
If the step mode is changed on the fly while stepping, the indexer advances to the next
valid state for the new step mode setting at the rising edge of STEP.
The initial excitation state is an electrical angle of 45°, corresponding to 71% of full-scale current in both coils.
This state is entered after power-up, after exiting logic undervoltage lockout, or after exiting sleep mode.
Table 5. Relative Current and Step Directions
1/8 STEP
1/4 STEP
1/2 STEP
FULL
STEP
71%
AOUT CURRENT
(% FULL-SCALE)
BOUT CURRENT
(% FULL-SCALE)
ELECTRICAL
ANGLE
(DEGREES)
1
1
1
0%
100%
0.00
2
20%
98%
11.25
3
2
38%
92%
22.50
4
56%
83%
33.75
5
3
2
1
71%
71%
45.00
6
83%
56%
56.25
7
4
92%
38%
67.50
8
98%
20%
78.75
9
5
3
100%
0%
90.00
10
98%
-20%
101.25
11
6
92%
-38%
112.50
12
83%
-56%
123.75
13
7
4
2
71%
-71%
135.00
14
56%
-83%
146.25
15
8
38%
-92%
157.50
16
20%
-98%
168.75
17
9
5
0%
-100%
180.00
18
-20%
-98%
191.25
19
10
-38%
-92%
202.50
20
-56%
-83%
213.75
21
11
6
3
-71%
-71%
225.00
22
-83%
-56%
236.25
23
12
-92%
-38%
247.50
24
-98%
-20%
258.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com