Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 189 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 189 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 185Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 186Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 187Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 188Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 189Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 190Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 191Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 192Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 189
dsPIC33EPXXXGS70X/80X FAMILY
16.0 HIGH-SPEED PWM
The high-speed PWM on dsPIC33EPXXXGS70X/80X
devices supports a wide variety of PWM modes and
output formats. This PWM module is ideal for power
conversion applications, such as:
• AC/DC Converters
• DC/DC Converters
• Power Factor Correction
• Uninterruptible Power Supply (UPS)
• Inverters
• Battery Chargers
• Digital Lighting
16.1
Features Overview
The high-speed PWM module incorporates the
following features:
• Eight PWMx Generators with Two Outputs per
Generator
• Two Master Time Base modules
• Individual Time Base and Duty Cycle for each
PWM Output
• Duty Cycle, Dead Time, Phase Shift and a
Frequency Resolution of 1.04 ns
• Independent Fault and Current-Limit Inputs
• Redundant Output
• True Independent Output
• Center-Aligned PWM mode
• Output Override Control
• Chop mode (also known as Gated mode)
• Special Event Trigger
• Dual Trigger from PWMx to Analog-to-Digital
Converter (ADC)
• PWMxL and PWMxH Output Pin Swapping
• Independent PWMx Frequency, Duty Cycle and
Phase-Shift Changes
• Enhanced Leading-Edge Blanking (LEB) Functionality
• PWM Capture Functionality
Figure 16-1 conceptualizes the PWM module in a
simplified block diagram. Figure 16-2 illustrates how
the module hardware is partitioned for each PWMx
output pair for the Complementary PWM mode.
The PWM module contains eight PWM generators. The
module has up to 16 PWMx output pins: PWM1H/
PWM1L through PWM8H/PWM8L. For complementary
outputs, these 16 I/O pins are grouped into high/low
pairs. PWM1 through PWM6 can be used to trigger an
ADC conversion.
16.2
Feature Description
The PWM module is designed for applications that
require:
• High resolution at high PWM frequencies
• The ability to drive Standard Edge-Aligned,
Center-Aligned, Complementary mode and
Push-Pull mode outputs
• The ability to create multiphase PWM outputs
Two common, medium power converter topologies are
push-pull and half-bridge. These designs require the
PWM output signal to be switched between alternate
pins, as provided by the Push-Pull PWM mode.
Phase-shifted PWM describes the situation where
each PWM generator provides outputs, but the phase
relationship between the generator outputs is
specifiable and changeable.
Multiphase PWM is often used to improve DC/DC
Converter load transient response, and reduce the size
of output filter capacitors and inductors. Multiple DC/DC
Converters are often operated in parallel, but phase
shifted in time. A single PWM output, operating at
250 kHz, has a period of 4
s but an array of four PWM
channels, staggered by 1
s each, yields an effective
switching frequency of 1 MHz. Multiphase PWM
applications typically use a fixed-phase relationship.
Variable phase PWM is useful in Zero Voltage
Transition (ZVT) power converters. Here, the PWM
duty cycle is always 50% and the power flow is
controlled by varying the relative phase shift between
the two PWM generators.
Note:
This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to “High-Speed PWM
Module” (DS70000323) in the “dsPIC33/
PIC24 Family Reference Manual”, which
is available from the Microchip website
(www.microchip.com).
Note:
Duty cycle, dead time, phase shift and
frequency resolution is 8.32 ns in
Center-Aligned PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com