Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 190 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 190 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 186Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 187Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 188Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 189Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 190Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 191Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 192Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 193Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 190
 2016-2018 Microchip Technology Inc.
16.2.1
WRITE-PROTECTED REGISTERS
On dsPIC33EPXXXGS70X/80X family devices, write
protection is implemented for the IOCONx and FCLCONx
registers. The write protection feature prevents any inad-
vertent writes to these registers. This protection feature
can be controlled by the PWMLOCK Configuration bit
(FDEVOPT<0>). The default state of the write protection
feature is enabled (PWMLOCK = 1). The write protection
feature can be disabled by configuring PWMLOCK = 0.
To gain write access to these locked registers, the user
application must write two consecutive values (0xABCD
and 0x4321) to the PWMKEY register to perform the
unlock operation. The write access to the IOCONx or
FCLCONx registers must be the next SFR access
following the unlock process. There can be no other SFR
accesses during the unlock process and subsequent
write access. To write to both the IOCONx and
FCLCONx registers requires two unlock operations.
The correct unlocking sequence is described in
Example 16-1.
EXAMPLE 16-1:
PWM WRITE-PROTECTED REGISTER UNLOCK SEQUENCE
16.3
PWM Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
16.3.1
KEY RESOURCES
• “High-Speed PWM Module” (DS70000323) in
the “dsPIC33/PIC24 Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
; Writing to FCLCON1 register requires unlock sequence
mov #0xabcd, w10
; Load first unlock key to w10 register
mov #0x4321, w11
; Load second unlock key to w11 register
mov #0x0000, w0
; Load desired value of FCLCON1 register in w0
mov w10, PWMKEY
; Write first unlock key to PWMKEY register
mov w11, PWMKEY
; Write second unlock key to PWMKEY register
mov w0, FCLCON1
; Write desired value to FCLCON1 register
; Set PWM ownership and polarity using the IOCON1 register
; Writing to IOCON1 register requires unlock sequence
mov #0xabcd, w10
; Load first unlock key to w10 register
mov #0x4321, w11
; Load second unlock key to w11 register
mov #0xF000, w0
; Load desired value of IOCON1 register in w0
mov w10, PWMKEY
; Write first unlock key to PWMKEY register
mov w11, PWMKEY
; Write second unlock key to PWMKEY register
mov w0, IOCON1
; Write desired value to IOCON1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com