Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 249 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 249 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 245Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 246Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 247Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 248Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 249Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 250Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 251Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 252Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 249
dsPIC33EPXXXGS70X/80X FAMILY
19.0 INTER-INTEGRATED CIRCUIT
(I2C)
The dsPIC33EPXXXGS70X/80X family of devices
contains two Inter-Integrated Circuit (I2C) modules:
I2C1 and I2C2.
The I2C module provides complete hardware support
for both Slave and Multi-Master modes of the I2C serial
communication standard, with a 16-bit interface.
The I2C module has a 2-pin interface:
• The SCLx/ASCLx pin is clock
• The SDAx/ASDAx pin is data
The I2C module offers the following key features:
•I2C Interface supporting both Master and Slave
modes of Operation
•I2C Slave mode Supports 7 and 10-Bit Addressing
•I2C Master mode Supports 7 and 10-Bit Addressing
•I2C Port allows Bidirectional Transfers between
Master and Slaves
• Serial Clock Synchronization for I2C Port can be
used as a Handshake Mechanism to Suspend
and Resume Serial Transfer (SCLREL control)
•I2C Supports Multi-Master Operation, Detects Bus
Collision and Arbitrates Accordingly
• System Management Bus (SMBus) Support
• Alternate I2C Pin Mapping (ASCLx/ASDAx)
19.1
I2C Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
19.1.1
KEY RESOURCES
• “Inter-Integrated Circuit (I2C)” (DS70000195) in
the “dsPIC33/PIC24 Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference source.
To complement the information in this
data sheet, refer to “Inter-Integrated
Circuit (I2C)” (DS70000195) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com