Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 263 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 263 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 259Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 260Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 261Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 262Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 263Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 264Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 265Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 266Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 263
dsPIC33EPXXXGS70X/80X FAMILY
21.0 CONFIGURABLE LOGIC CELL
(CLC)
The Configurable Logic Cell (CLC) module allows the
user to specify combinations of signals as inputs to a
logic function and to use the logic output to control
other peripherals or I/O pins. This provides greater flex-
ibility and potential in embedded designs, since the
CLC module can operate outside the limitations of
software execution and supports a vast amount of
output designs.
There are four input gates to the selected logic func-
tion. These four input gates select from a pool of up to
32 signals that are selected using four data source
selection multiplexers. Figure 21-1 shows an overview
of the module. Figure 21-3 shows the details of the data
source multiplexers and logic input gate connections.
FIGURE 21-1:
CLCx MODULE
Note:
This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to “Configurable Logic Cell (CLC)”
(DS70005298) in the “dsPIC33/PIC24
Family Reference Manual”, which is
available from the Microchip website
(www.microchip.com).
Gate 1
Gate 2
Gate 3
Gate 4
Interrupt
det
Logic
Function
CLCx
LCOE
Logic
LCPOL
LCOUT
DQ
CLK
MODE<2:0>
CLCx
TRISx Control
Interrupt
det
INTP
INTN
LCEN
CLCxIF
Set
Output
Output
See Figure 21-2
See Figure 21-3
CLC
Inputs
Input
Data
Selection
(32)
DS1<2:0>
DS2<2:0>
DS3<2:0>
DS4<2:0>
G1POL
G2POL
G3POL
G4POL
Gates
FCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com