Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 440 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 440 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 436Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 437Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 438Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 439Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 440Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 441Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 442Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 443Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 444Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 484 page
background image
FIGURE 31-5:
TYPICAL IPD CURRENT @ VDD = 3.3V
FIGURE 31-6:
TYPICAL IDD CURRENT @ VDD = 3.3V, +25°C
FIGURE 31-7:
TYPICAL IDOZE CURRENT @ VDD = 3.3V, +25°C
FIGURE 31-8:
TYPICAL IIDLE CURRENT @ VDD = 3.3V, +25°C
0
50
100
150
200
250
300
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Temperature (°C)
5
10
15
20
25
30
10
20
30
40
50
60
70
MIPS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Doze Ratio
1:1
1:2
1:64
1:128
0.0
2.0
4.0
6.0
8.0
10.0
12.0
10
20
30
40
50
60
70
MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com