Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 436 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 436 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 432Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 433Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 434Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 435Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 436Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 437Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 438Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 439Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 440Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 436
 2016-2018 Microchip Technology Inc.
TABLE 30-57: PGAx MODULE SPECIFICATIONS
AC/DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(1)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Comments
PA01
VIN
Input Voltage Range
AVSS – 0.3
—
AVDD + 0.3
V
PA02
VCM
Common-Mode Input
Voltage Range
AVSS
—AVDD – 1.6
V
PA03
VOS
Input Offset Voltage
-10
—
10
mV
PA04
VOS
Input Offset Voltage Drift
with Temperature
—
15
—
µV/
C
PA05
RIN+
Input Impedance of
Positive Input
—
>1M || 7 pF
—
|| pF
PA06
RIN-
Input Impedance of
Negative Input
—
10k || 7 pF
—
|| pF
PA07
GERR
Gain Error
-2
—
2
%
Gain = 4x, 8x
-3
—
3
%
Gain = 16x
-4
—
4
%
Gain = 32x, 64x
PA08
LERR
Gain Nonlinearity Error
—
—
0.5
%
% of full scale,
Gain = 16x
PA09
IDD
Current Consumption
—
2.0
—
mA
Module is enabled with
a 2-volt P-P output
voltage swing
PA10a BW
Small Signal
Bandwidth (-3 dB)
G = 4x
—
10
—
MHz
PA10b
G = 8x
—
5
—
MHz
PA10c
G = 16x
—
2.5
—
MHz
PA10d
G = 32x
—
1.25
—
MHz
PA10e
G = 64x
—
0.625
—
MHz
PA11
OST
Output Settling Time to 1%
of Final Value
—
0.4
—
µs
Gain = 16x, 100 mV
input step change
PA12
SR
Output Slew Rate
—
40
—
V/µs
Gain = 16x
PA13
TGSEL
Gain Selection Time
—
1
—
µs
PA14
TON
Module Turn On/Setting Time
—
—
10
µs
Note 1: The PGAx module is functional at VBORMIN < VDD < VDDMIN, but with degraded performance. Unless
otherwise stated, module functionality is tested, but not characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com