Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 435 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 435 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 431Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 432Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 433Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 434Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 435Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 436Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 437Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 438Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 439Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 435
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-55: DACx MODULE SPECIFICATIONS
AC/DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(2)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Comments
DA01
EXTREF External Voltage Reference(1)
1—
AVDD
V
DA02
CVRES
Resolution
12
bits
DA03
INL
Integral Nonlinearity Error
-16
-12
0
LSB
DA04
DNL
Differential Nonlinearity Error
-1.8
±1
1.8
LSB
DA05
EOFF
Offset Error
-8
3
15
LSB
DA06
EG
Gain Error
-1.2
-0.5
0
%
DA07
TSET
Settling Time(1)
—
700
—
ns
Output with 2% of desired
output voltage with a
10-90% or 90-10% step
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.
2:
The DACx module is functional at VBORMIN < VDD < VDDMIN, but with degraded performance. Unless
otherwise stated, module functionality is tested, but not characterized.
TABLE 30-56: DACx OUTPUT (DACOUTx PIN) SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(1)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Comments
DA11
RLOAD
Resistive Output Load
Impedance
10k
—
—
Ohm
DA11a CLOAD
Output Load
Capacitance
—
—
35
pF
Including output pin
capacitance
DA12
IOUT
Output Current Drive
Strength
—
300
—
µA
Sink and source
DA13
VRANGE
Output Drive Voltage
Range at Current
Drive of 300 µA
AVSS + 250 mV
—
AVDD – 900 mV
V
DA14
VLRANGE Output Drive Voltage
Range at Reduced
Current Drive of 50 µA
AVSS + 50 mV
—
AVDD – 500 mV
V
DA15
IDD
Current Consumed
when Module is
Enabled
—
—
1.3 x IOUT
µA
Module will always
consume this current,
even if no load is
connected to the output
DA30
VOFFSET Input Offset Voltage
—
5—
mV
Note 1:
The DACx module is functional at VBORMIN < VDD < VDDMIN, but with degraded performance. Unless
otherwise stated, module functionality is tested, but not characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com