Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 432 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 432 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 428Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 429Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 430Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 431Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 432Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 433Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 434Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 435Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 436Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 432
 2016-2018 Microchip Technology Inc.
TABLE 30-52: ADC MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)(5)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of:
VDD – 0.3
or 3.0
—
Lesser of:
VDD + 0.3
or 3.6
V
Within 300 mV of VDD at
all times, including device
power-up
AD02
AVSS
Module VSS Supply
VSS
—VSS + 0.3
V
Reference Inputs
AD06
VREFL
Reference Voltage Low
—
AVSS
—V
(Note 1)
AD07
VREF
Absolute Reference
Voltage (VREFH – VREFL)
2.7
—
AVDD
V
(Note 3)
AD08
IREF
Reference Input Current
—
5
10
µA
ADC operating or in standby
Analog Input
AD12
VINH-VINL Full-Scale Input Span
AVSS
—AVDD
V
AD14
VIN
Absolute Input Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD17
RIN
Recommended
Impedance of Analog
Voltage Source
—100
—
For minimum sampling
time (Note 1)
AD66
VBG
Internal Voltage
Reference Source
—1.2
—
V
ADC Accuracy: Pseudodifferential Input
AD20a Nr
Resolution
12
bits
AD21a INL
Integral Nonlinearity
> -3
—
< 3
LSb AVSS = 0V, AVDD = 3.3V
AD22a DNL
Differential Nonlinearity
> -1
—
< 1
LSb AVSS = 0V, AVDD = 3.3V
(Note 2)
AD23a GERR
Gain Error
(Dedicated Core)
> 0
8
< 15
LSb AVSS = 0V, AVDD = 3.3V
Gain Error
(Shared Core)
> 5
15
< 22
LSb
AD24a EOFF
Offset Error
(Dedicated Core)
> 0
5
< 10
LSb AVSS = 0V, AVDD = 3.3V
Offset Error
(Shared Core)
> 2
8
< 13
LSb
AD25a
—
Monotonicity
—
—
—
—
Guaranteed
Note 1: These parameters are not characterized or tested in manufacturing.
2: No missing codes, limits based on characterization results.
3: These parameters are characterized but not tested in manufacturing.
4: Characterized with a 15 kHz sine wave.
5: The ADC module is functional at VBORMIN < VDD < VDDMIN, but with degraded performance. Unless
otherwise stated, module functionality is ensured, but not characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com