Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 449 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 449 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 445Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 446Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 447Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 448Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 449Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 450Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 451Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 452Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 453Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 449
dsPIC33EPXXXGS70X/80X FAMILY
Microchip Technology Drawing C04-385 Rev C Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
A3
e
L
E
N
0.65 BSC
0.127 REF
4.55
4.55
0.30
0.25
0.45
0.00
0.30
6.00 BSC
0.40
4.65
4.65
0.50
0.02
6.00 BSC
MILLIMETERS
MIN
NOM
28
4.75
4.75
0.50
0.35
0.55
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Exposed Pad Corner Chamfer
P
-
0.35
-
28-Lead Ultra Thin Plastic Quad Flat, No Lead Package (2N) - 6x6x0.55 mm Body [UQFN]
With 4.65x4.65 mm Exposed Pad and Corner Anchors
0.35
0.40
0.43
Corner Anchor Pad
b1
0.15
0.20
0.25
Corner Pad, Metal Free Zone
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com