Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 464 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 464 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 460Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 461Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 462Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 463Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 464Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 465Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 466Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 467Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 468Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 464
 2016-2018 Microchip Technology Inc.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
64-Lead Plastic Thin Quad Flatpack (PT)-10x10x1 mm Body, 2.00 mm Footprint [TQFP]
13°
12°
11°
Mold Draft Angle Bottom
13°
12°
11°
Mold Draft Angle Top
0.27
0.22
0.17
b
Lead Width
0.20
-
0.09
c
Lead Thickness
10.00 BSC
D1
Molded Package Length
10.00 BSC
E1
Molded Package Width
12.00 BSC
D
Overall Length
12.00 BSC
E
Overall Width
7°
3.5°
0°
Foot Angle
0.75
0.60
0.45
L
Foot Length
0.15
-
0.05
A1
Standoff
1.05
1.00
0.95
A2
Molded Package Thickness
1.20
-
-
A
Overall Height
0.50 BSC
e
Lead Pitch
64
N
Number of Leads
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
Units
Footprint
L1
1.00 REF
2. Chamfers at corners are optional; size may vary.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
4. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
3. Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.25mm per side.
Notes:
Microchip Technology Drawing C04-085C Sheet 2 of 2
L
(L1)
c
H
X
X=A—B OR D
e/2
DETAIL 1
SECTION A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com