Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 481 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 481 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 476Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 477Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 478Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 479Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 480Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 481Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 482Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 483Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 484Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 481 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 481
dsPIC33EPXXXGS70X/80X FAMILY
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
33
= 16-Bit Digital Signal Controller
Flash Memory Family:
EP = Enhanced Performance
Product Group:
GS = SMPS Family
Pin Count:
02
= 28-pin
04
= 44-pin
05
= 48-pin
06
= 64-pin
08
= 80-pin
Temperature Range:
I= -40
C to +85C (Industrial)
E= -40
C to +125C (Extended)
Package:
ML = Plastic Quad, No Lead Package – (44-pin) 8x8 mm body (QFN)
MM = Plastic Quad, No Lead Package – (28-pin) 6x6 mm body (QFN-S)
2N = Plastic Quad Flat, No Lead Package – (28-pin) 6x6 mm body (UQFN)
PT = Plastic Thin Quad Flatpack – (44-pin) 10x10 mm body (TQFP)
PT = Plastic Thin Quad Flatpack – (48-pin) 7x7 mm body (TQFP)
PT = Plastic Thin Quad Flatpack – (64-pin) 10x10 mm body (TQFP)
PT = Plastic Thin Quad Flatpack – (80-pin) 12x12 mm body (TQFP)
SO = Plastic Small Outline, Wide – (28-pin) 7.50 mm body (SOIC)
Examples:
dsPIC33EP64GS804-I/PT:
dsPIC33, Enhanced Performance,
64-Kbyte Program Memory, SMPS,
44-Pin, Industrial Temperature,
TQFP Package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (Kbyte)
Product Group
Pin Count
Temperature Range
Package
Pattern
dsPIC 33 EP 64 GS8 04 T - I / PT XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com