Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 130 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 130 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 126Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 127Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 128Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 129Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 130Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 131Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 132Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 133Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 484 page
background image
TABLE 11-8:
PORTC REGISTER MAP(1)
File
Name
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRISC
TRISC<15:12>
—
TRISC<10:0>
PORTC
RC<15:12>
—
RC<10:0>
LATC
LATC<15:12>
—LATC<10:0>
ODCC
ODCC<15:12>
—
ODCC<10:0>
CNENC
CNIEC<15:12>
—
CNIEC<10:0>
CNPUC
CNPUC<15:12>
—
CNPUC<10:0>
CNPDC
CNPDC<15:12>
—
CNPDC<10:0>
ANSELC
—
—
—
ANSC12
—
ANSC<10:9>
—
—
ANSC<6:4>
—ANSC<2:1>
—
Legend: — = unimplemented, read as ‘0’.
Note 1: Refer to Table 11-3 for bit availability on each pin count variant.
TABLE 11-9:
PORTD REGISTER MAP(1)
File
Name
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TRISD
TRISD<15:0>
PORTD
RD<15:0>
LATD
LATD<15:0>
ODCD
ODCD<15:0>
CNEND
CNIED<15:0>
CNPUD
CNPUD<15:0>
CNPDD
CNPDD<15:0>
ANSELD
—
—
ANSD13
—
—
—
—
ANSD<8:7>
—ANSD5
—
—
ANSD2
—
—
Legend: — = unimplemented, read as ‘0’.
Note 1: Refer to Table 11-4 for bit availability on each pin count variant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com