Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 132 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 132 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 128Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 129Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 130Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 131Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 132Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 133Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 134Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 135Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 132
 2016-2018 Microchip Technology Inc.
11.2.1
OPEN-DRAIN CONFIGURATION
In addition to the PORTx, LATx and TRISx registers
for data control, port pins can also be individually
configured for either digital or open-drain output. This
is controlled by the Open-Drain Control x register,
ODCx, associated with each port. Setting any of the
bits configures the corresponding pin to act as an
open-drain output.
The open-drain feature allows the generation of out-
puts other than VDD by using external pull-up resistors.
The maximum open-drain voltage allowed on any pin
is the same as the maximum VIH specification for that
particular pin. See the “Pin Diagrams” section for the
available 5V tolerant pins and Table 30-11 for the
maximum VIH specification for each pin.
11.3
Configuring Analog and Digital
Port Pins
The ANSELx register controls the operation of the
analog port pins. The port pins that are to function as
analog inputs or outputs must have their corresponding
ANSELx and TRISx bits set. In order to use port pins for
I/O functionality with digital modules, such as timers,
UARTs, etc., the corresponding ANSELx bit must be
cleared.
The ANSELx register has a default value of 0xFFFF;
therefore, all pins that share analog functions are
analog (not digital) by default.
Pins with analog functions affected by the ANSELx
registers are listed with a buffer type of analog in the
Pinout I/O Descriptions (see Table 1-1). Table 11-1
through Table 11-5 show ANSELx bits’ availability for
device variants.
If the TRISx bit is cleared (output) while the ANSELx bit
is set, the digital output level (VOH or VOL) is converted
by an analog peripheral, such as the ADC module or
comparator module.
When the PORTx register is read, all pins configured as
analog input channels are read as cleared (a low level).
Pins configured as digital inputs do not convert an
analog input. Analog levels on any pin, defined as a
digital input (including the ANx pins), can cause the
input buffer to consume current that exceeds the
device specifications.
11.3.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically, this instruction
would be a NOP, as shown in Example 11-1.
11.4
Input Change Notification (ICN)
The Input Change Notification function of the I/O ports
allows devices to generate interrupt requests to the
processor in response to a Change-of-State (COS) on
selected input pins. This feature can detect input
Change-of-States, even in Sleep mode, when the
clocks are disabled. Every I/O port pin can be selected
(enabled) for generating an interrupt request on a
Change-of-State.
Three control registers are associated with the ICN
functionality of each I/O port. The CNENx registers
contain the ICN interrupt enable control bits for each of
the input pins. Setting any of these bits enables an ICN
interrupt for the corresponding pins.
Each I/O pin also has a weak pull-up and a weak
pull-down connected to it. The pull-ups and pull-
downs act as a current source, or sink source,
connected to the pin, and eliminate the need for
external resistors when push button or keypad
devices are connected. The pull-ups and pull-downs
are enabled separately, using the CNPUx and the
CNPDx registers, which contain the control bits for
each of the pins. Setting any of the control bits
enables the weak pull-ups and/or pull-downs for the
corresponding pins.
EXAMPLE 11-1:
PORT WRITE/READ
EXAMPLE
Note:
Pull-ups and pull-downs on Input Change
Notification pins
should always be
disabled when the port pin is configured
as a digital output.
MOV
0xFF00, W0
; Configure PORTB<15:8>
; as inputs
MOV
W0, TRISB
; and PORTB<7:0>
; as outputs
NOP
; Delay 1 cycle
BTSS
PORTB, #13
; Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com