Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 171 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 171 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 167Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 168Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 169Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 170Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 171Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 172Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 173Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 174Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 171
dsPIC33EPXXXGS70X/80X FAMILY
12.0 TIMER1
The Timer1 module is a 16-bit timer that can operate as
a free-running interval timer/counter.
The Timer1 module has the following unique features
over other timers:
• Can be Operated in Asynchronous Counter mode
from an External Clock Source
• The External Clock Input (T1CK) can Optionally be
Synchronized to the Internal Device Clock and the
Clock Synchronization is Performed after the
prescaler
A block diagram of Timer1 is shown in Figure 12-1.
The Timer1 module can operate in one of the following
modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
• Asynchronous Counter mode
In Timer and Gated Timer modes, the input clock is
derived from the internal instruction cycle clock (FCY).
In Synchronous and Asynchronous Counter modes,
the input clock is derived from the external clock input
at the T1CK pin.
The Timer modes are determined by the following bits:
• Timer1 Clock Source Select bit (TCS): T1CON<1>
• Timer1 External Clock Input Synchronization Select
bit (TSYNC): T1CON<2>
• Timer1 Gated Time Accumulation Enable bit
(TGATE): T1CON<6>
Timer control bit settings for different operating modes
are provided in Table 12-1.
TABLE 12-1:
TIMER1 MODE SETTINGS
FIGURE 12-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended to
be a comprehensive reference source. To
complement the information in this data
sheet, refer to “Timers” (DS70362) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Mode
TCS
TGATE
TSYNC
Timer
00
x
Gated Timer
01
x
Synchronous
Counter
1x
1
Asynchronous
Counter
1x
0
TGATE
TCS
00
10
x1
PR1
TGATE
Set T1IF Flag
0
1
TSYNC
1
0
Sync
Equal
Reset
T1CK
Prescaler
(/n)
TCKPS<1:0>
Gate
Sync
FP(1)
Falling Edge
Detect
TCKPS<1:0>
Note 1:
FP is the peripheral clock.
Latch
Data
CLK
T1CLK
ADC Trigger
TMR1
Comparator
Prescaler
(/n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com