Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 175 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 175 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 171Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 172Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 173Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 174Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 175Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 176Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 177Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 178Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 175
dsPIC33EPXXXGS70X/80X FAMILY
13.0 TIMER2/3 AND TIMER4/5
The Timer2/3 and Timer4/5 modules are 32-bit timers,
which can also be configured as four independent
16-bit timers with selectable operating modes.
As 32-bit timers, Timer2/3 and Timer4/5 operate in
three modes:
• Two Independent 16-Bit Timers (e.g., Timer2 and
Timer3) with all 16-Bit Operating modes (except
Asynchronous Counter mode)
• Single 32-Bit Timer
• Single 32-Bit Synchronous Counter
They also support these features:
• Timer Gate Operation
• Selectable Prescaler Settings
• Timer Operation during Idle and Sleep modes
• Interrupt on a 32-Bit Period Register Match
• Time Base for Input Capture and Output Compare
modules (Timer2 and Timer3 only)
Individually, all four of the 16-bit timers can function as
synchronous timers or counters. They also offer the
features listed previously, except for the event trigger;
this is implemented only with Timer2/3. The operating
modes and enabled features are determined by setting
the appropriate bit(s) in the T2CON, T3CON, T4CON
and T5CON registers. T2CON and T4CON are shown
in generic form in Register 13-1. T3CON and T5CON
are shown in Register 13-2.
For 32-bit timer/counter operation, Timer2 and Timer4
are the least significant word (lsw); Timer3 and Timer5
are the most significant word (msw) of the 32-bit timers.
A block diagram for an example 32-bit timer pair
(Timer2/3 and Timer4/5) is shown in Figure 13-2.
13.1
Timer Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
13.1.1
KEY RESOURCES
• “Timers” (DS70362) in the “dsPIC33/PIC24
Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
Note 1: This data sheet summarizes the features of
the dsPIC33EPXXXGS70X/80X family of
devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to “Timers” (DS70362) in the
“dsPIC33/PIC24 Family Reference Man-
ual”, which is available from the Microchip
website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
For 32-bit operation, T3CON and T5CON
control bits are ignored. Only T2CON and
T4CON control bits are used for setup and
control. Timer2 and Timer4 clock and gate
inputs are utilized for the 32-bit timer
modules, but an interrupt is generated
with the Timer3 and Timer5 interrupt flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com