Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 179 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 179 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 175Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 176Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 177Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 178Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 179Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 180Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 181Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 182Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 179
dsPIC33EPXXXGS70X/80X FAMILY
14.0 INPUT CAPTURE
The input capture module is useful in applications
requiring frequency (period) and pulse measurements.
The dsPIC33EPXXXGS70X/80X devices support four
input capture channels.
Key features of the input capture module include:
• Hardware-Configurable for 32-Bit Operation in All
modes by Cascading Two Adjacent modules
• Synchronous and Trigger modes of Output
Compare Operation, with up to 21 User-Selectable
Trigger/Sync Sources available
• A 4-Level FIFO Buffer for Capturing and Holding
Timer Values for Several Events
• Configurable Interrupt Generation
• Up to Six Clock Sources available for each module,
Driving a Separate Internal 16-Bit Counter
14.1
Input Capture Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
14.1.1
KEY RESOURCES
• “Input Capture with Dedicated Timer”
(DS70000352) in the “dsPIC33/PIC24 Family
Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
FIGURE 14-1:
INPUT CAPTURE x MODULE BLOCK DIAGRAM
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference
source. To complement the information
in this data sheet, refer to “Input
Capture
with
Dedicated
Timer”
(DS70000352) in the “dsPIC33/PIC24
Family Reference Manual”, which is
available from the Microchip website
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
ICxBUF
4-Level FIFO Buffer
ICx Pin
ICM<2:0>
Set ICxIF
Edge Detect Logic
ICI<1:0>
ICOV, ICBNE
Interrupt
Logic
System Bus
Prescaler
Counter
1:1/4/16
and
Clock Synchronizer
Event and
Trigger and
Sync Logic
Clock
Select
ICx Clock
Sources
Trigger and
Sync Sources
ICTSEL<2:0>
16
16
16
ICxTMR
Increment
Reset
Note 1:
The trigger/sync source is enabled by default and is set to Timer3 as a source. This timer must be enabled for
proper ICx module operation or the trigger/sync source must be changed to another source option.
SYNCSEL<4:0>(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com