Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 181 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 181 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 177Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 178Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 179Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 180Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 181Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 182Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 183Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 184Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 181
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 14-2:
ICxCON2: INPUT CAPTURE x CONTROL REGISTER 2
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—IC32
bit 15
bit 8
R/W-0
HS/R/W-0
U-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
ICTRIG(2)
TRIGSTAT(3)
—
SYNCSEL4(4) SYNCSEL3(4) SYNCSEL2(4) SYNCSEL1(4) SYNCSEL0(4)
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 8
IC32: Input Capture x 32-Bit Timer Mode Select bit (Cascade mode)
1 = Odd ICx and even ICx form a single 32-bit input capture module(1)
0 = Cascade module operation is disabled
bit 7
ICTRIG: Input Capture x Trigger Operation Select bit(2)
1 = Input source is used to trigger the input capture timer (Trigger mode)
0 = Input source is used to synchronize the input capture timer to a timer of another module
(Synchronization mode)
bit 6
TRIGSTAT: Timer Trigger Status bit(3)
1 = ICxTMR has been triggered and is running
0 = ICxTMR has not been triggered and is being held clear
bit 5
Unimplemented: Read as ‘0’
Note 1:
The IC32 bit in both the odd and even ICx must be set to enable Cascade mode.
2:
The input source is selected by the SYNCSEL<4:0> bits of the ICxCON2 register.
3:
This bit is set by the selected input source (selected by SYNCSEL<4:0> bits); it can be read, set and
cleared in software.
4:
Do not use the ICx module as its own sync or trigger source.
5:
This option should only be selected as a trigger source and not as a synchronization source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com