Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 183 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 183 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 179Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 180Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 181Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 182Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 183Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 184Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 185Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 186Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 183
dsPIC33EPXXXGS70X/80X FAMILY
15.0 OUTPUT COMPARE
The output compare module can select one of six
available clock sources for its time base. The module
compares the value of the timer with the value of one or
two Compare registers, depending on the operating
mode selected. The state of the output pin changes
when the timer value matches the Compare register
value. The output compare module generates either a
single output pulse, or a sequence of output pulses, by
changing the state of the output pin on the compare
match events. The output compare module can also
generate interrupts on compare match events.
15.1
Output Compare Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
15.1.1
KEY RESOURCES
• “Output Compare with Dedicated Timer”
(DS70005159) in the “dsPIC33/PIC24 Family
Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
FIGURE 15-1:
OUTPUT COMPARE x MODULE BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to “Output Compare with
Dedicated Timer” (DS70005159) in
the “dsPIC33/PIC24 Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
OCxR Buffer
OCxCON1
OCxCON2
OCx Interrupt
OCx Pin
OCxRS Buffer
Comparator
Match
Match
Trigger and
Sync Logic
Clock
Select
Increment
Reset
OCx Clock
Sources
Trigger and
Sync Sources
Reset
Match Event
OCFA
OCxR
OCxRS
Event
Event
Rollover
Rollover/Reset
Rollover/Reset
OCx Synchronization/Trigger Event
SYNCSEL<4:0>
Trigger(1)
Note 1:
The trigger/sync source is enabled by default and is set to Timer2 as a source. This timer must be enabled for
proper OCx module operation or the trigger/sync source must be changed to another source option.
OCx Output and
Fault Logic
Comparator
OCxTMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com