Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 97Page - NXP Semiconductors HCS08 Datasheet HTML 98Page - NXP Semiconductors HCS08 Datasheet HTML 99Page - NXP Semiconductors HCS08 Datasheet HTML 100Page - NXP Semiconductors HCS08 Datasheet HTML 101Page - NXP Semiconductors HCS08 Datasheet HTML 102Page - NXP Semiconductors HCS08 Datasheet HTML 103Page - NXP Semiconductors HCS08 Datasheet HTML 104Page - NXP Semiconductors HCS08 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 316 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
101
BRA rel
Branch Always (if I = 1)
REL
20 rr
3
ppp
– – – – – –
BRCLR n,opr8a,rel
Branch if Bit n in Memory Clear (if (Mn) = 0)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
– – – – –
Þ
BRN rel
Branch Never (if I = 0)
REL
21 rr
3
ppp
– – – – – –
BRSET n,opr8a,rel
Branch if Bit n in Memory Set (if (Mn) = 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
– – – – –
Þ
BSET n,opr8a
Set Bit n in Memory (Mn
 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
– – – – – –
BSR rel
Branch to Subroutine
PC
(PC) + 0x0002
push (PCL); SP
 (SP) – 0x0001
push (PCH); SP
 (SP) – 0x0001
PC
 (PC) + rel
REL
AD rr
5
ssppp
– – – – – –
CBEQ opr8a,rel
CBEQA #opr8i,rel
CBEQX #opr8i,rel
CBEQ oprx8,X+,rel
CBEQ ,X+,rel
CBEQ oprx8,SP,rel
Compare and...
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (X) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E 61
dd rr
ii rr
ii rr
ff rr
rr
ff rr
5
4
4
5
5
6
rpppp
pppp
pppp
rpppp
rfppp
prpppp
– – – – – –
CLC
Clear Carry Bit (C
 0)
INH
98
1
p
– – – – – 0
CLI
Clear Interrupt Mask Bit (I
 0)
INH
9A
1
p
– – 0 – – –
CLR opr8a
CLRA
CLRX
CLRH
CLR oprx8,X
CLR ,X
CLR oprx8,SP
Clear
M
 0x00
A
 0x00
X
 0x00
H
 0x00
M
 0x00
M
 0x00
M
 0x00
DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E 6F
dd
ff
ff
5
1
1
1
5
4
6
rfwpp
p
p
p
rfwpp
rfwp
prfwpp
0 – – 0 1 –
Table 7-2. Instruction Set Summary (Sheet 3 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com