Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 98Page - NXP Semiconductors HCS08 Datasheet HTML 99Page - NXP Semiconductors HCS08 Datasheet HTML 100Page - NXP Semiconductors HCS08 Datasheet HTML 101Page - NXP Semiconductors HCS08 Datasheet HTML 102Page - NXP Semiconductors HCS08 Datasheet HTML 103Page - NXP Semiconductors HCS08 Datasheet HTML 104Page - NXP Semiconductors HCS08 Datasheet HTML 105Page - NXP Semiconductors HCS08 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 316 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
102
Freescale Semiconductor
CMP #opr8i
CMP opr8a
CMP opr16a
CMP oprx16,X
CMP oprx8,X
CMP ,X
CMP oprx16,SP
CMP oprx8,SP
Compare Accumulator with Memory
A – M
(CCR Updated But Operands Not Changed)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A1
B1
C1
D1
E1
F1
9E D1
9E E1
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
Þ –– Þ Þ Þ
COM opr8a
COMA
COMX
COM oprx8,X
COM ,X
COM oprx8,SP
Complement
M
 (M)= 0xFF – (M)
(One’s Complement) A
 (A) = 0xFF – (A)
X
 (X) = 0xFF – (X)
M
 (M) = 0xFF – (M)
M
 (M) = 0xFF – (M)
M
 (M) = 0xFF – (M)
DIR
INH
INH
IX1
IX
SP1
33
43
53
63
73
9E 63
dd
ff
ff
5
1
1
5
4
6
rfwpp
p
p
rfwpp
rfwp
prfwpp
0 – –
Þ Þ 1
CPHX opr16a
CPHX #opr16i
CPHX opr8a
CPHX oprx8,SP
Compare Index Register (H:X) with Memory
(H:X) – (M:M + 0x0001)
(CCR Updated But Operands Not Changed)
EXT
IMM
DIR
SP1
3E
65
75
9E F3
hh ll
jj kk
dd
ff
6
3
5
6
prrfpp
ppp
rrfpp
prrfpp
Þ –– Þ Þ Þ
CPX #opr8i
CPX opr8a
CPX opr16a
CPX oprx16,X
CPX oprx8,X
CPX ,X
CPX oprx16,SP
CPX oprx8,SP
Compare X (Index Register Low) with
Memory
X – M
(CCR Updated But Operands Not Changed)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A3
B3
C3
D3
E3
F3
9E D3
9E E3
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
Þ –– Þ Þ Þ
DAA
Decimal Adjust Accumulator
After ADD or ADC of BCD Values
INH
72
1
p
U – –
Þ Þ Þ
DBNZ opr8a,rel
DBNZA rel
DBNZX rel
DBNZ oprx8,X,rel
DBNZ ,X,rel
DBNZ oprx8,SP,rel
Decrement A, X, or M and Branch if Not Zero
(if (result)
0)
DBNZX Affects X Not H
DIR
INH
INH
IX1
IX
SP1
3B
4B
5B
6B
7B
9E 6B
dd rr
rr
rr
ff rr
rr
ff rr
7
4
4
7
6
8
rfwpppp
fppp
fppp
rfwpppp
rfwppp
prfwpppp
– – – – – –
DEC opr8a
DECA
DECX
DEC oprx8,X
DEC ,X
DEC oprx8,SP
Decrement
M
 (M) – 0x01
A
 (A) – 0x01
X
 (X) – 0x01
M
 (M) – 0x01
M
 (M) – 0x01
M
 (M) – 0x01
DIR
INH
INH
IX1
IX
SP1
3A
4A
5A
6A
7A
9E 6A
dd
ff
ff
5
1
1
5
4
6
rfwpp
p
p
rfwpp
rfwp
prfwpp
Þ –– Þ Þ –
DIV
Divide
A
 (H:A)(X); H  Remainder
INH
52
6
fffffp
– – – –
Þ Þ
EOR #opr8i
EOR opr8a
EOR opr16a
EOR oprx16,X
EOR oprx8,X
EOR ,X
EOR oprx16,SP
EOR oprx8,SP
Exclusive OR Memory with Accumulator
A
 (A  M)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A8
B8
C8
D8
E8
F8
9E D8
9E E8
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
0 – –
Þ Þ –
Table 7-2. Instruction Set Summary (Sheet 4 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com