Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 100Page - NXP Semiconductors HCS08 Datasheet HTML 101Page - NXP Semiconductors HCS08 Datasheet HTML 102Page - NXP Semiconductors HCS08 Datasheet HTML 103Page - NXP Semiconductors HCS08 Datasheet HTML 104Page - NXP Semiconductors HCS08 Datasheet HTML 105Page - NXP Semiconductors HCS08 Datasheet HTML 106Page - NXP Semiconductors HCS08 Datasheet HTML 107Page - NXP Semiconductors HCS08 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 316 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
104
Freescale Semiconductor
MOV opr8a,opr8a
MOV opr8a,X+
MOV #opr8i,opr8a
MOV ,X+,opr8a
Move
(M)destination (M)source
In IX+/DIR and DIR/IX+ Modes,
H:X
 (H:X) + 0x0001
DIR/DIR
DIR/IX+
IMM/DIR
IX+/DIR
4E
5E
6E
7E
dd dd
dd
ii dd
dd
5
5
4
5
rpwpp
rfwpp
pwpp
rfwpp
0 – –
Þ Þ –
MUL
Unsigned multiply
X:A
 (X)  (A)
INH
42
5
ffffp
– 0– – – 0
NEG opr8a
NEGA
NEGX
NEG oprx8,X
NEG ,X
NEG oprx8,SP
Negate
M
 – (M) = 0x00 – (M)
(Two’s Complement) A
 – (A) = 0x00 – (A)
X
 – (X) = 0x00 – (X)
M
 – (M) = 0x00 – (M)
M
 – (M) = 0x00 – (M)
M
 – (M) = 0x00 – (M)
DIR
INH
INH
IX1
IX
SP1
30
40
50
60
70
9E 60
dd
ff
ff
5
1
1
5
4
6
rfwpp
p
p
rfwpp
rfwp
prfwpp
Þ –– Þ Þ Þ
NOP
No Operation — Uses 1 Bus Cycle
INH
9D
1
p
– – – – – –
NSA
Nibble Swap Accumulator
A
 (A[3:0]:A[7:4])
INH
62
1
p
– – – – – –
ORA #opr8i
ORA opr8a
ORA opr16a
ORA oprx16,X
ORA oprx8,X
ORA ,X
ORA oprx16,SP
ORA oprx8,SP
Inclusive OR Accumulator and Memory
A
 (A) | (M)
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
AA
BA
CA
DA
EA
FA
9E DA
9E EA
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
pp
rpp
prpp
prpp
rpp
rfp
pprpp
prpp
0 – –
Þ Þ –
PSHA
Push Accumulator onto Stack
Push (A); SP
(SP) – 0x0001
INH
87
2
sp
– – – – – –
PSHH
Push H (Index Register High) onto Stack
Push (H); SP
(SP) – 0x0001
INH
8B
2
sp
– – – – – –
PSHX
Push X (Index Register Low) onto Stack
Push (X); SP
(SP) – 0x0001
INH
89
2
sp
– – – – – –
PULA
Pull Accumulator from Stack
SP
(SP + 0x0001); PullA
INH
86
3
ufp
– – – – – –
PULH
Pull H (Index Register High) from Stack
SP
(SP + 0x0001); PullH
INH
8A
3
ufp
– – – – – –
PULX
Pull X (Index Register Low) from Stack
SP
(SP + 0x0001); PullX
INH
88
3
ufp
– – – – – –
ROL opr8a
ROLA
ROLX
ROL oprx8,X
ROL ,X
ROL oprx8,SP
Rotate Left through Carry
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E 69
dd
ff
ff
5
1
1
5
4
6
rfwpp
p
p
rfwpp
rfwp
prfwpp
Þ –– Þ Þ Þ
ROR opr8a
RORA
RORX
ROR oprx8,X
ROR ,X
ROR oprx8,SP
Rotate Right through Carry
DIR
INH
INH
IX1
IX
SP1
36
46
56
66
76
9E 66
dd
ff
ff
5
1
1
5
4
6
rfwpp
p
p
rfwpp
rfwp
prfwpp
Þ –– Þ Þ Þ
Table 7-2. Instruction Set Summary (Sheet 6 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C
C
b0
b7
b0
b7
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com