Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48SWTQFN-EP Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 58Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 59Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 60Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 61Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 62Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 63Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 64Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 65Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 62
I2C Interface
In I2C-to-I2C mode, the deserializer’s control-channel
interface sends and receives data through an I2C-
compatible 2-wire interface. The interface uses a serial-
data line (SDA) and a serial-clock line (SCL) to achieve
bidirectional communication between master and slave(s).
A µC master initiates all data transfers to and from the
device and generates the SCL clock that synchronizes
the data transfer. When an I2C transaction starts on the
local-side device’s control-channel port, the remote-side
device’s control-channel port becomes an I2C master
that interfaces with remote-side I2C peripherals. The I2C
master must accept clock stretching that is imposed by
the deserializer (holding SCL low). The SDA and SCL
lines operate as both an input and an open-drain output.
Pullup resistors are required on SDA and SCL. Each
transmission consists of a START condition (Figure 6)
sent by a master, followed by the device’s 7-bit slave
address plus a R/W bit, a register address byte, one or
more data bytes, and finally a STOP condition.
Figure 46. Format Conversion Between GMSL UART and I2C without Register Address (I2CMETHOD = 1)
: MASTER TO SLAVE
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 1)
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 1)
µC
SERIALIZER/DESERIALIZER
µC
SYNC FRAME
11
11
11
11
11
11
11
11
11
11
11
11
11
11
DEVICE ID + RD
REGISTER ADDRESS NUMBER OF BYTES
SYNC FRAME
DEVICE ID + WR
REGISTER ADDRESS NUMBER OF BYTES
DATA 0
DATA N
ACK FRAME
ACK FRAME
DATA 0
DATA N
DATA N
A
DATA 0
W A
DEV ID
S
A P
PERIPHERAL
PERIPHERAL
S
1
1 1
8
8
8
1
1
1
1
7
1 1
8
1
1 1
7
DEV ID R A
A
A P
DATA 0
DATA N
: SLAVE TO MASTER S: START
P: STOP
A: ACKNOWLEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com