Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48SWTQFN-EP Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 71Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 72Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 75
Table 17. Startup, HDCP Authentication, and Normal Operation (Deserializer is Not a
Repeater)—First Part of the HDCP Authentication Protocol (continued)
NO.
µC
HDCP GMSL SERIALIZER
HDCP GMSL DESERIALIZER
9
Reads the INVALID_BKSV bit of the GMSL
serializer and continues with authentication
if it is 0. Authentication can be restarted if it
fails (set RESET_HDCP = 1 before restarting
authentication).
—
—
10
Reads R0’ from the deserializer and reads
R0 from the GMSL serializer. If they match,
continues with authentication; otherwise,
retries up to two more times (optionally, GMSL
serializer comparison can be used to detect if
R0/R0’ match). Authentication can be restarted
if it fails (set RESET_HDCP = 1 before
restarting authentication).
—
—
11
Waits for the VSYNC falling edge (internal to
the GMSL serializer) and then sets the
ENCRYPTION_ENABLE bit to 1 in the
deserializer and GMSL serializer (if the FC is
not able to monitor VSYNC, it can utilize the
VSYNC_DET bit in the GMSL serializer).
Encryption enabled after the
next VSYNC falling edge.
Decryption enabled after the next
VSYNC falling edge.
12
Checks that BKSV is not in the Key
Revocation list and continues if it is not.
Authentication can be restarted if it fails.
Note: Revocation list check can start after
BKSV is read in step 8.
—
—
13
Starts transmission of A/V content that needs
protection.
Performs HDCP encryption on
high-value content A/V data.
Performs HDCP decryption on high-
value content A/V data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com