Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 30Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 31Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 32Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 33Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
2.3.2
Clock Timing
Table 2.16
Clock timing
Parameter
Symbol
Min
Typ
Max
Unit Test conditions
EXTAL external clock input cycle time
tEXcyc
41.66
—
—
ns
Figure 2.3
EXTAL external clock input high pulse width
tEXH
15.83
—
—
ns
EXTAL external clock input low pulse width
tEXL
15.83
—
—
ns
EXTAL external clock rise time
tEXr
—
—
5.0
ns
EXTAL external clock fall time
tEXf
—
—
5.0
ns
Main clock oscillator frequency
fMAIN
8
—
24
MHz —
Main clock oscillation stabilization wait time (crystal)*1 tMAINOSCWT —
—
—*1
ms
Figure 2.4
LOCO clock oscillation frequency
fLOCO
29.4912 32.768 36.0448 kHz —
LOCO clock oscillation stabilization wait time
tLOCOWT
—
—
60.4
µs
Figure 2.5
ILOCO clock oscillation frequency
fILOCO
13.5
15
16.5
kHz —
MOCO clock oscillation frequency
FMOCO
6.8
8
9.2
MHz —
MOCO clock oscillation stabilization wait time
tMOCOWT
—
—
15.0
µs
—
HOCO clock oscillator oscillation frequency
fHOCO16
15.78
16
16.22
MHz –20 ≤ Ta ≤ 105°C
fHOCO18
17.75
18
18.25
fHOCO20
19.72
20
20.28
fHOCO16
15.71
16
16.29
–40 ≤ Ta ≤ –20°C
fHOCO18
17.68
18
18.32
fHOCO20
19.64
20
20.36
HOCO clock oscillation stabilization wait time*2
tHOCOWT
—
—
64.7
µs
—
HOCO period jitter
—
—
±85
—
ps
—
PLL clock frequency
fPLL
120
—
240
MHz —
PLL2 clock frequency
fPLL2
120
—
240
MHz —
PLL/PLL2 clock oscillation stabilization wait time
tPLLWT
—
—
174.9
µs
Figure 2.6
PLL/PLL2 period jitter
—
—
±100
—
ps
—
PLL/PLL2 long term jitter
—
—
±300
—
ps
Term: 1µs, 10µs
Note 1. When setting up the main clock oscillator, ask the oscillator manufacturer for an oscillation evaluation, and use the results as the
recommended oscillation stabilization time. Set the MOSCWTCR register to a value equal to or greater than the recommended
value.
After changing the setting in the MOSCCR.MOSTP bit to start main clock operation, read the OSCSF.MOSCSF flag to confirm that
it is 1, and then start using the main clock oscillator.
Note 2. This is the time from release from reset state until the HOCO oscillation frequency (fHOCO) reaches the range for guaranteed
operation.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 30 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com