Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 6Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 7Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 9Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 10Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 11Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 12Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 13Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
1.5
Pin Functions
Table 1.13
Pin functions (1 of 3)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect
this pin to VSS by a 0.1-µF capacitor. The capacitor should be
placed close to the pin.
VCL
I/O
Connect this pin to the VSS pin by the smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the
pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
EXTAL
Input
Pins for a crystal resonator. An external clock signal can be input
through the EXTAL pin.
XTAL
Output
CLKOUT
Output
Clock output pin
Operating mode control
MD
Input
Pin for setting the operating mode. The signal level on this pin must
not be changed during operation mode transition on release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this
signal goes low.
CAC
CACREF
Input
Measurement reference clock input pin
On-chip emulator
TMS
Input
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
TCLK
Output
Output clock for synchronization with the trace data
TDATA0 to TDATA3
Output
Trace data output
SWO
Output
Serial wire trace output pin
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQn
Input
Maskable interrupt request pins
IRQn-DS
Input
Maskable interrupt request pins that can also be used in Deep
Software Standby mode
KINT
KR00 to KR07
Input
Key interrupt input pins
RA6T2 Datasheet
1. Overview
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 10 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com