Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 32Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 33Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 34Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 37Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 38Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 39Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Note:
200 ns minimum in Software Standby mode.
Note:
If the clock source is switched, add 4 clock cycles of the switched source.
Note 1. tPcyc indicates the PCLKB cycle.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock.
tNMIW
NMI
Figure 2.12
NMI interrupt input timing
tIRQW
IRQ
Figure 2.13
IRQ interrupt input timing
2.3.6
I/O Ports, POEG, GPT, AGT, KINT and ADC Trigger Timing
Table 2.20
I/O ports, POEG, GPT, AGT, KINT and ADC trigger timing (1 of 4)
GPT Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
I/O ports
Input data pulse width
tPRW
1.5
—
—
tIcyc
Figure 2.14
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 36 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com