Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 31Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 32Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 33Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 34Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 37Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 38Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
Oscillator
IRQ
Internal reset
(low is valid)
Reset exception handling start
Deep Software Standby mode
Deep Software Standby
reset
(low is valid)
tDSBY
tDSBYWT
Figure 2.10
Deep Software Standby mode cancellation timing
tSNZ
IRQ
ICLK (to DTC, SRAM)*1 PCLK
ICLK (except DTC, SRAM)
Oscillator
Software Standby mode
Snooze mode
Note 1. When SNZCR.SNZDTCEN bit is set to 1, ICLK is supplied to DTC and SRAM.
Figure 2.11
Recovery timing from Software Standby mode to Snooze mode
2.3.5
NMI and IRQ Noise Filter
Table 2.19
NMI and IRQ noise filter
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
NMI pulse
width
tNMIW
200
—
—
ns
NMI digital filter
disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
NMI digital filter
enabled
tNMICK × 3 ≤ 200 ns
tNMICK × 3.5*2
—
—
tNMICK × 3 > 200 ns
IRQ pulse
width
tIRQW
200
—
—
ns
IRQ digital filter
disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
IRQ digital filter
enabled
tIRQCK × 3 ≤ 200 ns
tIRQCK × 3.5*3
—
—
tIRQCK × 3 > 200 ns
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 35 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com