Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 56Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Table 2.34
A/D conversion characteristics (Common) (2 of 2)
Parameter
Min
Typ
Max
Unit
Test
conditions
Channel-dedicated
sample-and-hold
circuits
Sampling time during calibration
400
—
—
ns
Sampling time during A/D conversion
400
—
—
ns
Hold mode switching time
40
—
—
ns
Hold time
—
—
5
µs
Operation
stabilization time
A/D start-up time
2.0
—
—
µs
Channel-dedicated sample-and-hold circuits start-up time
2.0
—
—
µs
A/D shut-down time
1.0
—
—
µs
Analog input voltage range
VREFL0
—
VREFH0
V
Note:
tADcyc : ADCLK cycle
Table 2.35
A/D conversion characteristics (1 of 2)
Parameter
Min
Typ
Max Unit Test conditions
Resolution
—
—
12
bit
Channel-dedicated
sample-and-hold
circuits in use
(AN000 to AN005)
(AN006 to AN011)
Conversion time*1
(operation at
ADCLK = 50 MHz)
Permissible
signal source
impedance
Max. = 50 Ω
Normal
conversion
0.70 —
—
µs
● Sampling time of channel-
dedicated sample-and-hold
circuits: 20 ADCLK
● Hold mode switching time of
channel-dedicated sample-
and-hold circuits: 2 ADCLK
● Sampling time: 8 ADCLK
● Successive approximation
time: 5 ADCLK
When using
averaging mode
(4-time
conversion)
2.80 —
—
µs
Offset error
—
±0.5 ±1.0 LSB  
Full-scale error
—
±1.5 ±1.5 LSB  
Absolute accuracy
Normal conversion
—
±5.0 ±7.0 LSB  
When using averaging mode
(4-time conversion)
—
±4.0 ±5.0 LSB  
Total unadjusted error (TUE)
—
±3.0 ±3.4 LSB Excludes quantization error
(±0.5LSB).
DNL differential nonlinearity error
—
-1 to
+1.5
-1 to
+2.5
LSB  
INL integral nonlinearity error
—
±2.0 ±3.0 LSB  
High-speed
channels
(AN000 to AN005)
(AN006 to AN011)
(AN018 to AN019)*2
Conversion time*1
(operation at
ADCLK = 50 MHz)
Permissible
signal source
impedance
Max. = 50 Ω
Normal
conversion
0.16 —
—
µs
● Sampling time: 3 ADCLK
● Successive approximation
time: 5 ADCLK
When using
averaging mode
(4-time
conversion)
0.64 —
—
µs
Offset error
—
±1.0 ±3.0 LSB  
Full-scale error
—
±1.5 ±2.5 LSB  
Absolute accuracy
Normal conversion
—
±5.5 ±7.0 LSB  
When using averaging mode
(4-time conversion)
—
±4.5 ±5.5 LSB  
Total unadjusted error (TUE)
 
— ±3.5 ±4.0 LSB Excludes quantization error
(±0.5LSB).
DNL differential nonlinearity error
—
-1 to
+1.5
-1 to
+2.5
LSB  
INL integral nonlinearity error
—
±2.0 ±3.0 LSB  
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 60 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com