Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 18Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 19Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
2.2.3
I/O IOH, IOL
Table 2.5
I/O IOH, IOL
Parameter
Symb
ol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
IIC pins
Standard mode*1
IOL
—
—
3.0
mA
Fast mode*1
IOL
—
—
6.0
mA
Fast mode plus*2
IOL
—
—
20
mA
High speed mode*2
IOL
—
—
3.0
mA
Other output pins*3
Low drive*4
IOH
—
—
–2.0
mA
IOL
—
—
2.0
mA
Middle drive*5
IOH
—
—
–4.0
mA
IOL
—
—
4.0
mA
High drive*6
IOH
—
—
–10
mA
IOL
—
—
10
mA
High speed high drive*7
IOH
—
—
–10
mA
IOL
—
—
10
mA
High current drive*8
IOH
—
—
–10
mA
IOL
—
—
20
mA
Permissible output current (max
value per pin)
IIC pins
Standard mode*1
IOL
—
—
3.0
mA
Fast mode*1
IOL
—
—
6.0
mA
Fast mode plus*2
IOL
—
—
20
mA
High speed mode*2
IOL
—
—
3.0
mA
Other output pins*3
Low drive*4 
IOH
—
—
–2.0
mA
IOL
—
—
2.0
mA
Middle drive*5 
IOH
—
—
–4.0
mA
IOL
—
—
4.0
mA
High drive*6 
IOH
—
—
–16
mA
IOL
—
—
16
mA
High speed high
drive*7 
IOH
—
—
–16
mA
IOL
—
—
16
mA
High current drive*8 
IOH
—
—
–16
mA
IOL
—
—
20
mA
Permissible output current (max
value of total of all pins)
Maximum of all output pins  
ΣIOH
(max)
—
—
–80
mA
ΣIOL
(max)
—
—
80
mA
Note 1. SCL0_A, SDA0_A, SCL1_A, SDA1_A (total 4 pins). This is the value when IIC function is selected.
Note 2. SCL0_A, SDA0_A (total 2 pins). This is the value when IIC function is selected.
Note 3. Except for P000 to P002, PA00 to PA07, PB00 to PB02, PC00 to PC05, PC13, which are input ports.
Note 4. This is the value when low driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 5. This is the value when middle driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 6. This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 22 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com