Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 55Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 56Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
2.3.12
CANFD Timing
Table 2.33
CANFD interface timing
Parameter
Symbol
CAN
CAN-FD
Unit
Test conditions
Min
Max
Min
Max
Internal delay time
tnode
—
100
—
75
ns
Figure 2.49
Transmission rate
 
—
1
—
5
Mbps
Note:
tnode = toutput + tinput
CTX0
CRX0
CANFD interface
Internal 
transmission
delay time
(toutput)
Internal 
reception delay
time
(tinput)
Figure 2.49
CANFD interface condition
2.4
ADC Characteristics
Table 2.34
A/D conversion characteristics (Common) (1 of 2)
Parameter
Min
Typ
Max
Unit
Test
conditions
A/D conversion clock frequency(ADCLK)
25
50
60
MHz
Quantization error
—
±0.5
—
LSB
Successive approximation time
100
—
140
ns
A/D sampling time
During calibration
400
—
—
ns
In self-diagnosis mode
1 × tADcyc
+ 40
—
—
ns
During A/D
conversion
Channel-dedicated
sample-and-hold
circuits in use
(AN000 to AN005)
(AN006 to AN011)
1 × tADcyc
+ 160
—
—
ns
High-speed channels (AN000 to AN005)
(AN006 to AN011)
(AN018 to AN019)
1 × tADcyc
+ 40
—
—
ns
High-precision
channels
(AN012 to AN017)
180
—
—
ns
Normal-precision
channels
(AN020 to AN028)
400
—
—
ns
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 59 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com