Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 78Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 79Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 80Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 81Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 82Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 83Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 84Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 85Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
MASS (Typ) [g]
0.2
Unit: mm
Previous Code
RENESAS Code
PLQP0048KB-B
—
JEITA Package Code
P-LFQFP48-7x7-0.50
© 2015 Renesas Electronics Corporation. All rights reserved.
D
E
A2
HD
HE
A
A1
bp
c
e
x
y
Lp
L1
6.9
6.9
8.8
8.8
0.05
0.17
0.09
0
0.45
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
7.0
7.0
1.4
9.0
9.0
0.20
3.5
0.5
0.6
1.0
7.1
7.1
9.2
9.2
1.7
0.15
0.27
0.20
8
0.08
0.08
0.75
NOTE)
1. DIMENSIONS “*1” AND “*2” DO NOT INCLUDE MOLD FLASH.
2. DIMENSION “*3” DOES NOT INCLUDE TRIM OFFSET.
3. PIN 1 VISUAL INDEX FEATURE MAY VARY, BUT MUST BE
LOCATED WITHIN THE HATCHED AREA.
4. CHAMFERS AT CORNERS ARE OPTIONAL, SIZE MAY VARY.
HD
Lp
L1
Detail F
D
36
25
25
24
13
37
48
112
F
NOTE 4
NOTE 3
Index area
*1
*3
bp
e
yS
S
M
Figure 2.4
LQFP 48-pin
RA6T2 Datasheet
Appendix 2. Package Dimensions
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 82 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com