Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 54Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 55Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 56Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Table 2.30
IIC timing (1)-2
(1) Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: SDA0_B,
SCL0_B, SDA1_B, SCL1_B, SCL0_C, SDA0_C, SCL0_D, SDA0_D, SCL0_E, SDA0_E, SCL0_F, SDA0_F, SCL1_C, SDA1_C, SCL1_D,
SDA1_D, SCL1_E, SDA1_E.
(2) The following pins do not require setting: SCL0_A, SDA0_A, SCL1_A, SDA1_A.
(3) Use pins that have a letter appended to their names, for instance _A or _B or _C or _D or _E or _F, to indicate group membership. For
the IIC interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Min
Max
Unit
Test conditions
IIC
(Fast-mode)
SCL input cycle time
tSCL
10 (18) × tIICcyc +
600
—
ns
Figure 2.47
SCL input high pulse width
tSCLH
5 (9) × tIICcyc
—
ns
SCL input low pulse width
tSCLL
5 (9) × tIICcyc
—
ns
SCL, SDA rise time
tSr
20 × (external
pullup voltage/
5.5V)*1
300
ns
SCL, SDA fall time
tSf
20 × (external
pullup voltage/
5.5V)*1
300
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc
ns
SDA input bus free time
tBUF
5 (9) × tIICcyc + 300 —
ns
START condition input hold time
tSTAH
tIICcyc + 300
—
ns
Repeated START condition input
setup time
tSTAS
300
—
ns
STOP condition input setup time
tSTOS
300
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*2
—
400
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note:
Must use pins that have a letter appended to their name, for instance _A, _B, to indicate group membership. For the IIC interface,
the AC portion of the electrical characteristics is measured for each group.
Note 1. Only supported for SCL0_A, SDA0_A, SCL1_A, and SDA1_A. Other ports are depend on DC characteristics.
Note 2. Cb indicates the total capacity of the bus line.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 56 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com