Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 15Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 16Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 17Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 18Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 19Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
2.
Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by either design simulation, characterization
results or test in production.
Supported peripheral functions and pins differ from one product name to another.
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
● VCC = AVCC0 = 2.7 to 3.6 V
● 2.7 V ≤ VREFH0 ≤ AVCC0
● VSS = AVSS0 = VREFL0 = 0 V
● Ta = Topr
Figure 2.1 shows the timing conditions.
For example, PE01
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The recommended measurement conditions for the timing specification of each peripheral provided are for the best
peripheral operation. Make sure to adjust the driving abilities of each pin to meet your conditions.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings (1 of 2)
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
–0.3 to +4.0
V
Input voltage (except for 5 V-tolerant ports*1)
Vin
–0.3 to VCC + 0.3
V
Input voltage (5 V-tolerant ports*1)
Vin
–0.3 to VCC + 4.0 (max. 5.8)
V
Reference power supply voltage
VREFH0
–0.3 to VCC + 0.3
V
Analog power supply voltage
AVCC0*2
–0.3 to +4.0
V
Analog input voltage (except for PA00 to PA05, PB02,
P002)
VAN
–0.3 to AVCC0 + 0.3
V
Analog input voltage (PA00 to PA05, PB02, P002) when
PGA differential input is disabled
VAN
–0.3 to AVCC0 + 0.3
V
Analog input voltage (PA00, PA02, PA04, PB02) when PGA
differential input is enabled
VAN
–1.3 to AVCC0 + 0.3
V
Analog input voltage (PA01, PA03, PA05, P002) when PGA
differential input is enabled
VAN
–0.8 to AVCC0 + 0.3
V
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 19 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com