Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 81Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 82Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 83Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 84Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 85Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 86Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 87Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 88Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Table 3.1
Peripheral base address (2 of 3)
Name
Description
Base address
KINT
Key Interrupt Function
0x4008_5000
POEG
Port Output Enable for GPT
0x4008_A000
CANFD_B
CANFD Module Control
0x400B_0000
PSCU
Peripheral Security Control Unit
0x400E_0000
AGTW_B0
Low Power Asynchronous General purpose Timer 0
0x400E_8000
AGTW_B1
Low Power Asynchronous General purpose Timer 1
0x400E_8100
TSN
Temperature Sensor
0x400F_3000
ACMPHS0
High-Speed Analog Comparator
0x400F_4000
ACMPHS1
High-Speed Analog Comparator
0x400F_4100
ACMPHS2
High-Speed Analog Comparator
0x400F_4200
ACMPHS3
High-Speed Analog Comparator
0x400F_4300
CRC
Cyclic Redundancy Check
0x4010_8000
DOC_B
Data Operation Circuit
0x4010_9000
SCI_B0
Serial Communication Interface 0
0x4011_8000
SCI_B1
Serial Communication Interface 1
0x4011_8100
SCI_B2
Serial Communication Interface 2
0x4011_8200
SCI_B3
Serial Communication Interface 3
0x4011_8300
SCI_B4
Serial Communication Interface 4
0x4011_8400
SCI_B9
Serial Communication Interface 9
0x4011_8900
SPI_B0
Serial Peripheral Interface 0
0x4011_A000
SPI_B1
Serial Peripheral Interface 1
0x4011_A100
IIC_B0
Inter-Integrated Circuit 0
0x4011_F000
IIC0WU_B
Inter-Integrated Circuit 0 Wake-up Unit
0x4011_F098
IIC_B1
Inter-Integrated Circuit 1
0x4011_F400
ECCMB
CANFD ECC Module
0x4012_F200
SCE5_B
Secure Cryptographic Engine
0x4016_1000
GPT320
General PWM Timer 0
0x4016_9000
GPT321
General PWM Timer 1
0x4016_9100
GPT322
General PWM Timer 2
0x4016_9200
GPT323
General PWM Timer 3
0x4016_9300
GPT324
General PWM Timer 4
0x4016_9400
GPT325
General PWM Timer 5
0x4016_9500
GPT326
General PWM Timer 6
0x4016_9600
GPT327
General PWM Timer 7
0x4016_9700
GPT328
General PWM Timer 8
0x4016_9800
GPT329
General PWM Timer 9
0x4016_9900
GPT_OPS
Output Phase Switching Controller
0x4016_9A00
GPT_GTCLK
General PWM Timer
0x4016_9B00
PDG
PWM Delay Generation
0x4016_A000
ADC_B
12-Bit A/D Converter
0x4017_0000
DAC120
12-bit D/A converter
0x4017_2000
DAC121
12-bit D/A converter
0x4017_2100
RA6T2 Datasheet
Appendix 3. I/O Registers
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 85 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com