Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 33Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 34Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 37Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 38Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 39Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 40Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Table 2.20
I/O ports, POEG, GPT, AGT, KINT and ADC trigger timing (2 of 4)
GPT Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
POEG
GTETRGn input pulse width
tPOEW
1.5
—
—
tPcyc
Figure 2.15
Output
disable time
Input level detection of the
GTETRGn pin (via flag)
tPOEGDI
—
—
3 PCLKB
+ 0.34
µs
Figure 2.16
When the digital
noise filter is not
in use
(POEGGn.NFE
N = 0 (n = A to
D))
Detection of the output stopping
signal from GPT (deadtime error,
simultaneous high output, or
simultaneous low output)
tPOEGDE
—
—
0.5
µs
Figure 2.17
Edge detection signal from a
comparator
tPOEGDC
—
—
4 PCLKB
+ 0.5
µs
Figure 2.18
The time is that
when the noise
filter for
ACMPHS is not
in use
(CMPCTL.CDF
S[1:0] = 00) and
excludes the
time for
detection by
ACMPHS.
Register setting
tPOEGDS
—
—
1 PCLKB
+ 0.3
µs
Figure 2.19
Time for access
to the register is
not included.
Oscillation stop detection*3
tPOEGDOS —
≤ 1
—
µs
Figure 2.20
Input level detection of the
GTETRGn pin (direct path)
tPOEGDDI —
—
2 PCLKB
+ 1
PCLKD +
0.34
µs
Figure 2.21
Level detection signal from a
comparator
tPOEGDDC —
—
3 PCLKD
+ 0.3
µs
Figure 2.22
The time is that
when the noise
filter for
ACMPHS is not
in use
(CMPCTL.CDF
S[1:0] = 00) and
excludes the
time for
detection by
ACMPHS.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 37 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com