Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 49Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 50Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 51Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 54Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Table 2.28
SPI timing (2 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
VCC = 3.0 to 3.6 V, C = 15
pF
VCC = 2.7 to 3.6 V, C = 30
pF
Unit
Note
Min
Max
Min
Max
Data output delay
time
Master  High
Speed*1
tOD   
—
4.6
—
—
ns
 
Default*2
—
—
—
7
ns
 
Slave 
High
Speed*1
—
14
—
—
ns
 
Default*2
—
—
—
21
ns
 
Data output hold
time
Master
 
tOH
0
—
0
—
ns
 
Slave
 
0
—
0
—
ns
 
Successive
transmission delay
time
Master
 
tTD
tSPcyc + 2 ×
tTcyc
8 × tSPcyc +
2 × tPcyc
tSPcyc + 2 ×
tTcyc
8 × tSPcyc +
2 × tPcyc
ns
 
Slave
 
tTcyc
—
tTcyc
—
ns
 
MOSI and MISO
rise and fall time
Output
 
tDr
—
5
—
5
ns
 
Input
 
tDf
—
1
—
1
µs
 
SSL rise and fall
time
Output
 
tSSLr
—
5
—
5
ns
 
Input
 
tSSLf
—
1
—
1
µs
 
Slave access time
Slave
 
tSA
—
20
—
20
ns
 
Slave output
release time
Slave
 
tREL
—
20
—
20
ns
 
Note:
tTcyc: PCLKA or SCISPICLK cycle.
Note 1. Must use pins that have a letter appended to their name, for instance _A, _B, _C, to indicate group membership. SPIA is instance
_B, SPIB is instance _A.
Note 2. All pins of group membership can be used.
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
Note:
n = A or B
Figure 2.39
SPI clock timing
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 51 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com