Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 42Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 43Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 44Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 45Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 46Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 49Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Table 2.26
SCI timing (Clock synchronous mode) (2 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
Min
Max
Unit
Note
SCK clock low pulse width
Master
 
tSPCKWL
0.4
0.6
tSPcyc
 
Slave
 
 
SCK clock rise and fall time
Output
 
tSPCKr, tSPCKf
—
5
ns
 
Input
 
 
Data input setup time
Master
High Speed*1
tSU
2.6
—
ns
 
Default*2
2.8
—
ns
 
Slave
 
3.3
— 
ns
 
Data input hold time
Master
High Speed*1
tH
12
—
ns
 
Default*2
14
—
ns
 
Slave
 
3
—
ns
 
Data output delay
Master
High Speed*1
tOD
—
5
ns
 
Default*2
—
7.3
ns
 
Slave
High Speed*1
—
15
ns
 
Default*2
—
21
ns
 
Data output hold time
Master
 
tOH
0
—
ns
 
Slave
 
0
—
ns
 
Data rise and fall time
Output
 
tDr, tDf
—
5
ns
 
Input
 
—
5
ns
 
Note:
tTcyc: SCITCLK cycle.
Note 1. Must use pins that have a letter appended to their name, for instance _A, _B, _C, to indicate group membership. SCI0 is instance
_A, SCI2 and SCI3 are instance _B, SCI1 and SCI9 are instance _C, SCI4 is instance _C and RXD is only PD14.
Note 2. All pins of group membership can be used.
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
SCKn
master select
output
SCKn
slave select input
Note:
n = 0 to 4, 9
Figure 2.33
SCI simple SPI mode clock timing
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 46 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com