Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 19Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
Note 7. This is the value when high speed high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The
selected driving ability is retained in Deep Software Standby mode.
Note 8. This is the value when high current driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected
driving ability is retained in Deep Software Standby mode.
Caution: To protect the reliability of the MCU, the output current values should not exceed the values in this table.
The average output current indicates the average value of current measured during 100 µs.
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL, and other characteristics
Parameter
Symbol Min
Typ Max Unit
Test conditions
Output voltage
IIC*1
VOL
—
—
0.4
V
IOL = 3.0 mA
VOL
—
—
0.6
IOL = 6.0 mA
IIC*2
VOL
—
—
0.4
IOL = 15.0 mA
(BFCTL.FMPE = 1)
VOL
—
0.4 —
IOL = 20.0 mA
(BFCTL.FMPE = 1)
VOL
—
—
0.4
IOL = 3.0 mA
(BFCTL.HSME = 1)
Ports PA08 to PA11, PB12 to PB15,
PC06 to PC09, PD08 to PD15, PE10 to
PE15*3
VOH
VCC –
0.5
—
—
IOH = –1.0 mA
VOL
—
—
0.6
IOL = 20 mA
Other output pins
VOH
VCC –
0.5
—
—
IOH = –1.0 mA
VOL
—
—
0.5
IOL = 1.0 mA
Input leakage current RES
|Iin|
—
—
5.0
µA    Vin = 0 V
Vin = 5.5 V
Port P000, P001, PA06, PA07, PB00,
PB01, PC00 to PC05, PC13
—
—
1.0
Vin = 0 V
Vin = VCC
Port PA00, PA02, PA04, PB02 (PGA
input pins)
—
—
1.0
Vin = 0 V
Vin = VCC
Port PA01, PA03, PA05, P002 (PGAVSS
pins)*4
—
—
1.0
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5 V-tolerant ports
|ITSI|
—
—
5.0
µA 
Vin = 0 V
Vin = 5.5 V
Other ports (except for input ports)
—
—
1.0
Vin = 0 V
Vin = VCC
Input pull-up MOS
current
Ports P0, P2, PA to PE (except for ports
P002, PA00 to PA05, PB02)
Ip
–300
—
–10 µA
VCC = 2.7 to 3.6 V
Vin = 0 V
Pull-up current
serving as the SCL
current source
IIC*5
ICS
3
—
12
mA
VCC = 3.0 to 3.6 V
Vin = 0.3 × VCC to 0.7 × VCC
Input capacitance
All input pins
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
Note 1. SCL0_A, SDA0_A, SCL1_A, SDA1_A (total 4 pins). This is the value when IIC function is selected.
Note 2. SCL0_A, SDA0_A (total 2 pins). This is the value when IIC function is selected.
Note 3. This is the value when high current driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected
driving ability is retained in Deep Software Standby mode.
Note 4. This is the value when the pseudo-differential input on the PGAn pin is disabled (single-ended input).
Note 5. SCL0_A (1 pin). This is the value when IIC high speed mode is selected.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 23 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com