Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFM Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFM
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Vr(VCC)
VCC
1 / fr(VCC)
Figure 2.2
Ripple waveform
2.2.7
Thermal Characteristics
Maximum value of junction temperature (Tj) must not exceed the value of section 2.2.1. Tj/Ta Definition.
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
– Tj : Junction Temperature (°C)
– Ta : Ambient Temperature (°C)
– Tt : Top Center Case Temperature (°C)
– θja : Thermal Resistance of “Junction”-to-“Ambient” (°C/W)
– Ψjt : Thermal Resistance of “Junction”-to-“Top Center Case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
● Leakage current of IO = Σ (IOL × VOL) /Voltage + Σ (|IOH| × |VCC – VOH|) /Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
– Cin: Input capacitance
– Cload: Output capacitance
Regarding θja and Ψjt, see Table 2.11.
Table 2.11
Thermal Resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal
Resistance     
    
100-pin LQFP (PLQP0100KB-B)
θja    
36
°C/W    
JESD 51-2 and 51-7
compliant    
64-pin LQFP (PLQP0064KB-C)
39
64-pin QFN (PWQN0064LB-A)
26
48-pin LQFP (PLQP0048KB-B)
60
48-pin QFN (PWQN0048KC-A)
28
100-pin LQFP (PLQP0100KB-B)
Ψjt    
0.65
°C/W    
JESD 51-2 and 51-7
compliant    
64-pin LQFP (PLQP0064KB-C)
0.69
64-pin QFN (PWQN0064LB-A)
0.15
48-pin LQFP (PLQP0048KB-B)
2.01
48-pin QFN (PWQN0048KC-A)
0.17
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, refer to the JEDEC standards.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 26 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com